Electronic Components Datasheet Search
  English  ▼

X  

AN4242 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4242
Description  New generation of 650 V SiC diodes
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4242 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4242 Datasheet HTML 2Page - STMicroelectronics AN4242 Datasheet HTML 3Page - STMicroelectronics AN4242 Datasheet HTML 4Page - STMicroelectronics AN4242 Datasheet HTML 5Page - STMicroelectronics AN4242 Datasheet HTML 6Page - STMicroelectronics AN4242 Datasheet HTML 7Page - STMicroelectronics AN4242 Datasheet HTML 8Page - STMicroelectronics AN4242 Datasheet HTML 9Page - STMicroelectronics AN4242 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Features of the SiC diodes
AN4242
6/26
DocID024196 Rev 1
Figure 3. ST’s STPSC806 first generation: typical forward voltage drop versus
forward current
As a consequence, the working area of SiC rectifiers usually corresponds to
V
F > 0, which
leads to an increase of the forward voltage drop with the junction temperature, meaning an
increase of the conduction power losses, hence an increase of the temperature and so on.
This electro-thermal mechanism results in a thermal runaway loop. The effect is explained in
Section 2.
1.3
Other characteristics
1.3.1
Low leakage current
The new generation of 650 V SiC diode offers some low leakage current values similar to
the 600 V Si counterparts. Therefore the reverse power losses defined in PFC by the
Equation 5 stays negligible as showed in Table 1.
Equation 5
with
Equation 6
0
2
4
6
8
10
12
14
16
0.0
IFM (A)
Tj =150 °C
Tj
Tj
Tj
Tj=25 °C
Tj =25 °C
VFM (V)
=175 °C
0.5
1.0
1.5
2.0
2.5
3.0
Table 1. Leakage current and reverse losses comparison in PFC @90Vac between Si
and SiC diode
Product
IR @ VR = VRRM
Prev in PFC
@ Vin = 90 V, Vout = 400 V
Typical / Maximum
Typical
STTH8R06D
35 / 400 µA @ 125 °C
0.011
STPSC806D
150 / 1000 µA @ 125 °C
0.047
STPSC8H06D
65 / 335 µA @ 150 °C
0.02
P
(T) =
· V · I (V , T)
REV
j
av
R
R
R
j
d
dav = 1 -
2 · 2 · V
Ö
in
p · Vout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com