Electronic Components Datasheet Search
  English  ▼

X  

AN4242 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN4242
Description  New generation of 650 V SiC diodes
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4242 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN4242 Datasheet HTML 12Page - STMicroelectronics AN4242 Datasheet HTML 13Page - STMicroelectronics AN4242 Datasheet HTML 14Page - STMicroelectronics AN4242 Datasheet HTML 15Page - STMicroelectronics AN4242 Datasheet HTML 16Page - STMicroelectronics AN4242 Datasheet HTML 17Page - STMicroelectronics AN4242 Datasheet HTML 18Page - STMicroelectronics AN4242 Datasheet HTML 19Page - STMicroelectronics AN4242 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
New 650 V JBS SiC diodes
AN4242
16/26
DocID024196 Rev 1
Figure 13. Result of IFSM PSpice simulation: comparison between 6 A / 650 V SiC 2nd
generation (STPSC6H065D) and 6 A /600 V SiC 1st generation (STPSC606D)
3.2.3
IFSM datasheet comparison between SiC G2 and SiC G1
The non-repetitive IFSM curves versus pulse duration presented in Figure 14 come from the
datasheet of the STPSC606 and the STPSC6H065. The graph, based on measurements,
shows the improvement of the surge current capability with the second generation. Thanks
to the JBS structure, the IFSM values are more than doubled.
Figure 14. Non repetitive IFSM versus tp comparison between 6 A SiC 1st generation
and 6 A SiC 2nd generation
0
1
2
3
4
5
6
7
8
9
10
0
100
200
300
400
0
5
10
15
0
10
20
30
40
50
Tj
Tj (°C)
1G > 400 °C
thermal runaway
phenomenon
Tj
200 °C
2G
V
F typ 2G
V
F typ 1G
IFSM = 42 A @ Tc = 25 °C
IFSM (A)
VF (V)
Time (ms)
1·E-05
1·E-04
1·E-03
1·E+03
1·E-02
1·E+02
1·E+01
IFSM (A)
tp (s)
STPSC6H065
2nd generation
STPSC606
1st generation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com