Electronic Components Datasheet Search
  English  ▼

X  

AN4242 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN4242
Description  New generation of 650 V SiC diodes
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4242 Datasheet(HTML) 1 Page - STMicroelectronics

  AN4242 Datasheet HTML 1Page - STMicroelectronics AN4242 Datasheet HTML 2Page - STMicroelectronics AN4242 Datasheet HTML 3Page - STMicroelectronics AN4242 Datasheet HTML 4Page - STMicroelectronics AN4242 Datasheet HTML 5Page - STMicroelectronics AN4242 Datasheet HTML 6Page - STMicroelectronics AN4242 Datasheet HTML 7Page - STMicroelectronics AN4242 Datasheet HTML 8Page - STMicroelectronics AN4242 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
May 2013
DocID024196 Rev 1
1/26
AN4242
Application note
New generation of 650 V SiC diodes
Introduction
For many years ST has been a worldwide leader in high voltage rectifiers dedicated to
energy conversion. During the last decade, electronic systems have followed a continuous
trend towards higher power density and more energy savings driven by governments’
environmental awareness. Power-supply designers are permanently confronted with
stringent efficiency regulations (Energy Star, 80Plus, European Efficiency…). They are
forced to consider the use of new power converter topologies and more efficient electronic
components such as high-voltage silicon-carbide (SiC) Schottky rectifiers. To help them face
this challenge, ST developed in 2008 a first family of 600 V SiC diodes. After having sold
millions of pieces, ST’s reliability and know-how is confirmed on these new components
using wide band gap materials.
In hard-switching applications such as high end server and telecom power supplies, SiC
Schottky diodes show significant power losses reduction and are commonly used. A
growing use of those rectifiers is also recorded in solar inverters, motor drives, USP and
HEV applications.
However, the high cost of this technology tends to drive designers to use it at high
current-density levels (3 to 5 times higher than standard Si diodes), inducing more
constraints on the diode. Indeed, the Silicon-carbide material features a positive thermal
coefficient potentially leading to some instability and lower current-surge robustness than
silicon diodes. ST decided to review the design and develop a second generation of SiC
diodes offering an enhanced current capability while still featuring an attractive switching-off
behavior. The peak reverse voltage was also increased to 650 V in order to ensure a safer
operation in certain designs.
Typical applications (non-exhaustive list)
 Charging station
 ATX power supply
 AC/DC power management unit, high voltage, and other topologies
 Desktop and PC power supply
 Server power supply
 Uninterruptible power supply
 Photovoltaic string and central inverter architecture
 Photovoltaic power optimizer architecture
 Photovoltaic microinverter grid-connected architecture
 Photovoltaic off-grid architecture
 Telecom power
www.st.com


Similar Part No. - AN4242

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4240 STMICROELECTRONICS-AN4240 Datasheet
1Mb / 30P
This application note provides an easy introduction to the usage
17-Sep-2013
AN4241 STMICROELECTRONICS-AN4241 Datasheet
286Kb / 18P
The L6470 and L6472 are fully integrated motor drivers providing
25-Jan-2013
AN4243 STMICROELECTRONICS-AN4243 Datasheet
955Kb / 29P
The L6230 DMOS driver for three-phase brushless DC motor
29-Jan-2013
AN4246 STMICROELECTRONICS-AN4246 Datasheet
290Kb / 11P
Proprietary Code Read Out Protection on STM32L1 microcontrollers
03-Apr-2013
AN4248 STMICROELECTRONICS-AN4248 Datasheet
3Mb / 46P
60 W PSU design details for water purifier system
08-May-2014
More results

Similar Description - AN4242

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT20M45BVFR ADPOW-APT20M45BVFR Datasheet
94Kb / 4P
Power MOS V is a new generation of high voltage N-Channel enhancement
logo
LG Semicon Co.,Ltd.
GM71C4256B LG-GM71C4256B Datasheet
1Mb / 19P
New Generation Dynamic RAM
logo
Integrated Device Techn...
AN-136 IDT-AN-136 Datasheet
92Kb / 12P
A NEW GENERATION OF TAG SRAMS-THE IDT71215 AND
logo
Fairchild Semiconductor
FCH47N60 FAIRCHILD-FCH47N60_06 Datasheet
422Kb / 10P
new generation of high voltage MOSFET
logo
Infineon Technologies A...
IDH02G65C5 INFINEON-IDH02G65C5 Datasheet
417Kb / 2P
650V SiC thinQ!??Generation 5 diodes
09 / 2012
logo
Microsemi Corporation
APT5010LVRG MICROSEMI-APT5010LVRG Datasheet
52Kb / 4P
Power MOS V is a new generation of high voltage N-Channel enhancement
logo
Seoul Semiconductor
SZ8-Y15-XX-XX SEOUL-SZ8-Y15-XX-XX Datasheet
1Mb / 30P
New Generation of WICOP
SZ8-Y19-XX-XX SEOUL-SZ8-Y19-XX-XX Datasheet
1Mb / 30P
New Generation of WICOP
logo
A-Data Technology
DDR42133SO-DIMM A-DATA-DDR42133SO-DIMM Datasheet
365Kb / 2P
New generation DDR4 performance
logo
Seoul Semiconductor
SZ8-Y11-XX-XX-X SEOUL-SZ8-Y11-XX-XX-X Datasheet
1Mb / 37P
New Generation of WICOP High-Power LED -Z8 Y11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com