Electronic Components Datasheet Search
  English  ▼

X  

AN4242 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN4242
Description  New generation of 650 V SiC diodes
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4242 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN4242 Datasheet HTML 15Page - STMicroelectronics AN4242 Datasheet HTML 16Page - STMicroelectronics AN4242 Datasheet HTML 17Page - STMicroelectronics AN4242 Datasheet HTML 18Page - STMicroelectronics AN4242 Datasheet HTML 19Page - STMicroelectronics AN4242 Datasheet HTML 20Page - STMicroelectronics AN4242 Datasheet HTML 21Page - STMicroelectronics AN4242 Datasheet HTML 22Page - STMicroelectronics AN4242 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
DocID024196 Rev 1
19/26
AN4242
New 650 V JBS SiC diodes
3.3.3
PSpice electro-thermal simulation result
The interest of the dimensioning of the ST’s JBS structure compared to another JBS
positioning can clearly be highlighted with the electro-thermal simulation. Figure 17 and
Figure 18 present the result of the PSpice simulation respectively for an IFSM waveform and
a startup phase in a PFC application. The electrical model of the STPSC6H065D is
compared to one of the other 6 A JBS technologies coupled with a thermal model similar to
the one of the STPSC6H065D.
Figure 17 shows that the higher values of the forward characteristic of the other JBS
technology in Figure 15 lead to a much higher Tj (+ 100°C) compared to ST’s product during
a 42 A IFSM spike.
Figure 17. IFSM electro-thermal simulation with Tj comparison between ST’s 6 A SiC
G2 and another 6 A JBS technology
0
0
1
23456
789
10
100
200
300
350
0
0
2.0
6.0
8.0
10
20
30
40
Tj (°C)
IF (A)
VF (V)
Time (ms)
250
150
50
50
4.0
I
FSM 42A@Tc=25 °C
V
F typSTPSC6H065
V
F typ6A other JBS techno
Tj
other JBS techno
=300 °C
Tj
STPSC6H065=200 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com