Electronic Components Datasheet Search
  English  ▼

X  

AN4242 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4242
Description  New generation of 650 V SiC diodes
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4242 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4242 Datasheet HTML 3Page - STMicroelectronics AN4242 Datasheet HTML 4Page - STMicroelectronics AN4242 Datasheet HTML 5Page - STMicroelectronics AN4242 Datasheet HTML 6Page - STMicroelectronics AN4242 Datasheet HTML 7Page - STMicroelectronics AN4242 Datasheet HTML 8Page - STMicroelectronics AN4242 Datasheet HTML 9Page - STMicroelectronics AN4242 Datasheet HTML 10Page - STMicroelectronics AN4242 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
DocID024196 Rev 1
7/26
AN4242
Features of the SiC diodes
1.3.2
“C” thermal coefficient
The “C” thermal coefficient represents the leakage current dependence on the junction
temperature. The leakage current increases by an exponential law with the junction
temperature. Knowing a reference point IR(VR,TjRef) and the value of the thermal coefficient
“C”, one can easily calculate the leakage current at a given temperature Tj using the
following formula:
Equation 7
where VR is the reverse voltage applied across the diode.
Each diode has its own coefficient that can be calculated using two points as follows:
Equation 8
If the SiC Schottky diodes have low leakage currents and they have also a smaller
temperature dependence compared to the Si counterparts. As illustrated in Table 2, typically
the “C” thermal coefficient should be around 2 times lower than the Si diodes.
The feature of low dependence with the Tj is interesting to push back the limit of thermal
runaway due to the power reverse losses. Regarding the stability criterion formula linked to
PPREV given by Equation 9, the interest for the use at high Tj of small packages with high
thermal resistance becomes certain.
Equation 9
Table 2. “C” thermal coefficient comparison between Si and SiC diode
Product
IR1 @ VR = 400 V, Tj1IR2 @ VR = 400 V, Tj2
C coefficient
STTH8R06
8 µA @ 125 °C
50 µA @ 150 °C
0.070
STPSC8H065D
4 µA @ 150 °C
8.5 µA @ 175 °C
0.030
I (V ,T ) = I (V ,T
) · e
R
R
j
R
R
jRef
c(T - T
)
j
jRef
c =
1
T- T
jRef2
jRef1
· ln
I(V,T
)
R
R
jRef2
I(V,T
)
R
R
jRef1
æ
ç
è
ö
÷
ø
dP
(T )
PREV
j
dTj
£
1
Rth(j-a)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com