Electronic Components Datasheet Search
  English  ▼

X  

AN4242 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN4242
Description  New generation of 650 V SiC diodes
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4242 Datasheet(HTML) 3 Page - STMicroelectronics

  AN4242 Datasheet HTML 1Page - STMicroelectronics AN4242 Datasheet HTML 2Page - STMicroelectronics AN4242 Datasheet HTML 3Page - STMicroelectronics AN4242 Datasheet HTML 4Page - STMicroelectronics AN4242 Datasheet HTML 5Page - STMicroelectronics AN4242 Datasheet HTML 6Page - STMicroelectronics AN4242 Datasheet HTML 7Page - STMicroelectronics AN4242 Datasheet HTML 8Page - STMicroelectronics AN4242 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
DocID024196 Rev 1
3/26
AN4242
Features of the SiC diodes
1
Features of the SiC diodes
1.1
Turn off behavior
1.1.1
Comparison with Si bipolar diode
The benefits brought by silicon-carbide diodes on the switching losses in the applications
working in continuous-conduction mode (such as PFC applications) are already well known.
The capacitive nature of the recovery current allows constant turn-off characteristics when
the temperature increases. In contrast the turn-off behavior of bipolar diodes is
characterized by a strong dependency on junction temperature, dI/dt slope and forward
current level (see Figure 1).
Thanks to their properties, SiC diodes allow significant reduction of power losses in the
associated MOSFETs when switched-on. They also permit new optimization options for the
power converter (for example, increasing the switching frequency and speed, lowering the
size of passive components, snubber-circuits and EMI filters).
Figure 1. Switching behavior comparison between Si and SiC diodes
for Tj=75 °C and Tj=125 °C
The capacitive recovery current is generated by the charge of the junction capacitance Cj
under a certain reverse voltage and corresponds to a quantity of stored charges Qc.
1.1.2
Capacitive charge (QC) measurement
Some confusion exists about the measurement conditions of Qc. A comparison between the
switch-off behavior and the integral of the current used to estimate Qc is shown in Figure 2.
Figure 2A and Figure 2B show measurements at low forward current (IF=1 A) and low dI/dt
slope (50 A/µs), with and without reverse voltage across the diode. A certain inaccuracy of
the measurement of Qc can be observed. It is linked to the probe, which features its own
equivalent capacitance. Figure 2C shows a measurement at IF=2 A and a high dI/dt slope
(200 A/µs) without any probe voltage. With such a high value of current-slope some
oscillations appear. Taking into account the total capacitive current until t0 when the reverse
voltage reaches VR, Qc measured by the integral of the current is similar to the one in
Figure 2B.
8 A bipolar
diode
8 A tandem (2 x
300 V diodes in
series)
8 A SiC
diode
VR=380 V, IF=8 A, dI/dt=200 A/μs, Tj=125 °C
20 ns/div
2 A/div
VR=380 V, IF=8 A, dI/dt=200 A/μs, Tj=75 °C
20 ns/div
2 A/div
8 A bipolar
diode
8 A tandem (2 x
300 V diodes in
series)
8 A SiC
diode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com