Electronic Components Datasheet Search
  English  ▼

X  

AN4242 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4242
Description  New generation of 650 V SiC diodes
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4242 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4242 Datasheet HTML 1Page - STMicroelectronics AN4242 Datasheet HTML 2Page - STMicroelectronics AN4242 Datasheet HTML 3Page - STMicroelectronics AN4242 Datasheet HTML 4Page - STMicroelectronics AN4242 Datasheet HTML 5Page - STMicroelectronics AN4242 Datasheet HTML 6Page - STMicroelectronics AN4242 Datasheet HTML 7Page - STMicroelectronics AN4242 Datasheet HTML 8Page - STMicroelectronics AN4242 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
DocID024196 Rev 1
5/26
AN4242
Features of the SiC diodes
After simplification and introduction of the junction capacitance variation versus the reverse
voltage Cj(V), Qc is defined by the following formula:
Equation 3
This relation demonstrates that Qc is defined by the integral of the junction capacitance Cj
between 0 and VR, the voltage reapplied on the diode. This theoretical approach allows the
direct and accurate evaluation of Qc, avoiding the inaccuracy introduced by potential
measurement problems.
The strict expression of the energy stocked in the junction capacitor for a given reverse
voltage can be determined by:
Equation 4
Due to the non-linearity of the junction capacitance versus the reverse voltage, this relation
is different from the traditional energy formula ½ · C · V² (or ½ · Q · V), which is valid only
when considering a constant capacitance.
1.2
Forward characteristics
Another main feature of SiC diodes is the variation of the forward voltage drop (VF) with the
junction temperature.
Figure 3 shows the forward current versus forward voltage drop characteristics for 3
different junction temperature levels. A crossing-point can be observed at a certain level of
current IC. When the current is lower than this level, the temperature coefficient of the
forward voltage drop (
V
F) is negative. When the current is higher, it becomes positive. The
same crossing point exists for traditional silicon diodes, but it appears at a much higher
current level (>10 times the nominal current). This is linked to the higher forward current
density of SiC diodes.
ò
Qc(V ) =
R
VR
0
Cj(V) dV
ò
Qc(V ) =
R
VR
0
Cj(V) · V dV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com