Electronic Components Datasheet Search
  English  ▼

X  

AN4242 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN4242
Description  New generation of 650 V SiC diodes
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4242 Datasheet(HTML) 4 Page - STMicroelectronics

  AN4242 Datasheet HTML 1Page - STMicroelectronics AN4242 Datasheet HTML 2Page - STMicroelectronics AN4242 Datasheet HTML 3Page - STMicroelectronics AN4242 Datasheet HTML 4Page - STMicroelectronics AN4242 Datasheet HTML 5Page - STMicroelectronics AN4242 Datasheet HTML 6Page - STMicroelectronics AN4242 Datasheet HTML 7Page - STMicroelectronics AN4242 Datasheet HTML 8Page - STMicroelectronics AN4242 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Features of the SiC diodes
AN4242
4/26
DocID024196 Rev 1
Figure 2. Qc measurement of a 6 A SiC diode at IF = 1 A, Tj = 25 °C, VR = 400 V,
dI/dt = 50 A/µs
To avoid false readings due to some measurement inaccuracy, a theoretical approach is
preferred. The quantity of charge Q during a certain period of time [0-t0] is delimited by the
reverse voltage variation V across the junction capacitance Cj between 0 and VR and is
given by the following formulas:
Equation 1
with
Equation 2
Qc = 19.6 nc
Qc = 24.2 nC
Qc=20.4nc
Voltage probe
0
t0
A. With voltage probe
B. Without voltage probe
C. I = 2 A, dI/dt = 200 A/µs
F
ò
ò
0
Qc
dQ =
0
t0
i(t) dt
i(t) = Cj
dV(t)
dt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com