Electronic Components Datasheet Search
  English  ▼

X  

AN4242 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4242
Description  New generation of 650 V SiC diodes
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4242 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4242 Datasheet HTML 4Page - STMicroelectronics AN4242 Datasheet HTML 5Page - STMicroelectronics AN4242 Datasheet HTML 6Page - STMicroelectronics AN4242 Datasheet HTML 7Page - STMicroelectronics AN4242 Datasheet HTML 8Page - STMicroelectronics AN4242 Datasheet HTML 9Page - STMicroelectronics AN4242 Datasheet HTML 10Page - STMicroelectronics AN4242 Datasheet HTML 11Page - STMicroelectronics AN4242 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Forward thermal runaway
AN4242
8/26
DocID024196 Rev 1
2
Forward thermal runaway
In some particular application conditions a thermal runaway loop can be triggered (see
Figure 4) and the thermal system of the diode may become unstable.
Figure 4. Thermal runaway loop
Two kinds of application conditions can be linked to the thermal runaway risk:
the stationary regime during the regular working mode
the critical transient phases.
2.1
Thermal runaway risk in regular working mode
During the regular operating mode, the average current in the diode can modeled with a
constant current generator as shown in Figure 5.
Figure 5. Simple electrical model
The electrical model given by Equation 10, simulates the variation of the forward voltage
drop versus the junction temperature for a given current I0.
Equation 10
Equation 11
Equation 12
Vt0(Tj) is the VF value for a fixed Tj when IF is null. The inverse function of Rd(Tj) represents
the straight slope between 2 forward current levels and the threshold voltage Vt0 for a fixed
Tj
VF(Tj)
Losses P(Tj)
Positive loop
0
Io
Rd(Tj)
Vt0 (Tj)
V (I ,T ) = V
+
(T - 150) + [R +
· (T - 150)] · I
F0
j
t0
V
j
d
R
j
0
150°
t0
d
aa
V (T ) = V
+
(T - 150)
t0
j
t0
V
j
150°
t0
a
R (T ) = R
+
· (T - 150)
dj
d
R
j
150°
d
a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com