Electronic Components Datasheet Search
  English  ▼

X  

RM0352 Datasheet(PDF) 56 Page - STMicroelectronics

Part # RM0352
Description  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 52Page - STMicroelectronics RM0352 Datasheet HTML 53Page - STMicroelectronics RM0352 Datasheet HTML 54Page - STMicroelectronics RM0352 Datasheet HTML 55Page - STMicroelectronics RM0352 Datasheet HTML 56Page - STMicroelectronics RM0352 Datasheet HTML 57Page - STMicroelectronics RM0352 Datasheet HTML 58Page - STMicroelectronics RM0352 Datasheet HTML 59Page - STMicroelectronics RM0352 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 138 page
background image
ARM© dual timer module (SP804)
RM0352
56/138
DocID024647 Rev 1
Figure 11 illustrates an example of the timing for an interrupt being raised and cleared.
Figure 11. Example interrupt signal timing
The interrupt signals generated by the timer module, TIMINT1 and TIMINT2, can be
masked by setting the IntEnable bit to 0 in the TimerXControl register. The raw interrupt
status prior to masking can be read from the TimerXRIS register and the masked interrupt
status can be read from the TimerXMIS register.
Figure 12 shows how the raw and masked
interrupt status is accessed.
Figure 12. Raw and masked interrupt status
Programming the timer interval
Table 51 shows the equations that are used to calculate the timer interval generated for
each timer mode in terms of:
TIMCLKFREQ is the frequency of TIMCLK.15
TIMCLKENXDIV is the effective division of the TIMCLK rate by the clock enable,
TIMCLKENX. For example, if TIMCLKENX enables every fourth TIMCLK edge then
TIMCLKENXDIV = 4.
PRESCALEDIV is the prescaler division factor of 1, 16, or 256. Derived from
Control register bits [3:2].
TimerXLoad is the value in the load register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com