Electronic Components Datasheet Search
  English  ▼

X  

RM0352 Datasheet(PDF) 88 Page - STMicroelectronics

Part # RM0352
Description  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 Datasheet(HTML) 88 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 84Page - STMicroelectronics RM0352 Datasheet HTML 85Page - STMicroelectronics RM0352 Datasheet HTML 86Page - STMicroelectronics RM0352 Datasheet HTML 87Page - STMicroelectronics RM0352 Datasheet HTML 88Page - STMicroelectronics RM0352 Datasheet HTML 89Page - STMicroelectronics RM0352 Datasheet HTML 90Page - STMicroelectronics RM0352 Datasheet HTML 91Page - STMicroelectronics RM0352 Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 138 page
background image
I2C bus interface
RM0352
88/138
DocID024647 Rev 1
10.2.11
I2C raw interrupt status register (I2C_RISR)
Table 81. I2C raw interrupt status register (I2C_RISR)
Address:
I2CBaseAddress + 0x30
Type:
R
Reset:
0x00000013
[3]
TXFOVRM: Tx FIFO overrun mask. TXFOVRM enables the interrupt bit
TFXOVR.
0: TXFOVR interrupt is disabled.
1: TXFOVR interrupt is enabled.
[2]
TXFFM: Tx FIFO full mask. TXFFM enables the interrupt bit TXFF.
1: TXFF interrupt is enabled.
0: TXFF interrupt is disabled.
[1] TXFNEM: Tx FIFO nearly empty mask. TXFNEM enables the interrupt bit
TXFNE.
0: TXFNE interrupt is disabled.
1: TXFNE interrupt is enabled.
[0]
TXFEM: Tx FIFO empty mask. TXFEM enables the interrupt bit TXFE.
0: TXFE interrupt is disabled.
1: TXFE interrupt is enabled.
I2C raw interrupt status register (I2C_RISR)
31
30
29
28
27
26
25
24
23
22
21
20 19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESERVED
R
RRR
R
R
RR
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Description:
The I2C_RISR register indicates the interrupt sources prior to masking.
[30]
TIMEOUT: timeout or Tlow error (SMBUS mode)
0: no timeout error
1: SCL remained LOW for 25 ms (timeout)
or
master cumulative clock low extend time more than 10 ms (Tlow:mext)
or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com