Electronic Components Datasheet Search
  English  ▼

X  

RM0352 Datasheet(PDF) 83 Page - STMicroelectronics

Part # RM0352
Description  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 79Page - STMicroelectronics RM0352 Datasheet HTML 80Page - STMicroelectronics RM0352 Datasheet HTML 81Page - STMicroelectronics RM0352 Datasheet HTML 82Page - STMicroelectronics RM0352 Datasheet HTML 83Page - STMicroelectronics RM0352 Datasheet HTML 84Page - STMicroelectronics RM0352 Datasheet HTML 85Page - STMicroelectronics RM0352 Datasheet HTML 86Page - STMicroelectronics RM0352 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 138 page
background image
DocID024647 Rev 1
83/138
RM0352
I2C bus interface
137
10.2.6
I2C receive FIFO register (I2C_RFR)
Table 76. I2C receive FIFO register (I2C_RFR)
Address:
I2CBaseAddress + 0x18
Type:
R
Reset:
0x00000000
I2C receive FIFO register (I2C_RFR)
31
30
29
28
27
26
25
24
23
22
21
20
19
18 17 16
15
14 13 12
11
10
9
8
7
6
5
4
3
2
1
0
RESERVED
RDATA
R
R
Description: I
2
C receive FIFO register
[7:0]
RDATA: receive data. RDATA contains the received payload, related to
a master read or write-to-slave operation, to be read from the Rx FIFO. The
RDATA(0) is the first LSB bit received over the I
2
C line. In case the FIFO is
full, the I
2
C controller stretches automatically the I
2
C clock line until a new
entry is available. For a write-to-slave operation, when the slave is addressed,
the interrupt I2C_RISR:WTSR bit is asserted for notification to the CPU. In
CPU mode the FIFO management shall be based on the assertion of the
interrupt bit I2C_RISR:RXFNF, related to the nearly-full threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com