Electronic Components Datasheet Search
  English  ▼

X  

RM0352 Datasheet(PDF) 34 Page - STMicroelectronics

Part # RM0352
Description  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 30Page - STMicroelectronics RM0352 Datasheet HTML 31Page - STMicroelectronics RM0352 Datasheet HTML 32Page - STMicroelectronics RM0352 Datasheet HTML 33Page - STMicroelectronics RM0352 Datasheet HTML 34Page - STMicroelectronics RM0352 Datasheet HTML 35Page - STMicroelectronics RM0352 Datasheet HTML 36Page - STMicroelectronics RM0352 Datasheet HTML 37Page - STMicroelectronics RM0352 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 138 page
background image
Embedded Flash memory
RM0352
34/138
DocID024647 Rev 1
6.3.4
Command register
Status bits:
Writing to the COMMAND register will start the action that will be performed on the
Flash.
The CMDSDTART flag will go high and stays high until it is cleared. The busy flag will
go low again when the command has finished.
When the command has finished the CMDDONE flag goes high.
When a MASS READ command was given and when CMDDONE is high, the
READOK flag can be checked or the LFSRVAL register can be read (contains the
signature of the mass read).
ERASE
For page erase we can erase one of 32 pages in program memory.
The APB actions that need to be performed are:
Write ADDRESS register value of the page you want to erase:
XADR[7:3] = Page address.
Write ERASE command value to the COMMAND register.
MASS ERASE
MASS ERASE can be performed on the whole program memory space.
The APB action that needs to be performed is:
Write MASS ERASE command value to the COMMAND register.
WRITE
One word can be programmed per WRITE command.
Table 20. Flash command register
Command
Flash section
Description
Value
Flash lock
ERASE
(1)
1.
Please refer to
Note: on page 31 for system clocking constraints associated to this command.
Program memory
Erase page defined by register ADDRESS.
0x11
Blocked
MASSERASE
(1)
Program memory
Mass erase (Flash is completely erased).
0x22
Allowed
WRITE
(1)
Program memory
Program one location (defined by registers DATA
and ADDRESS).
0x33
Blocked
MASSWRITE
(1)
Program memory
Program all locations. With the same value (DATA
register value).
0x44
Allowed
MASSREAD
Program memory
Read all locations and compare with DATA register
value or produce LFSR signature.
0x55
Blocked
SLEEP
Put Flash in sleep mode.
0xAA
Allowed
WAKEUP
Get Flash out of sleep mode.
0xBB
Allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com