Electronic Components Datasheet Search
  English  ▼

X  

RM0352 Datasheet(PDF) 57 Page - STMicroelectronics

Part # RM0352
Description  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 53Page - STMicroelectronics RM0352 Datasheet HTML 54Page - STMicroelectronics RM0352 Datasheet HTML 55Page - STMicroelectronics RM0352 Datasheet HTML 56Page - STMicroelectronics RM0352 Datasheet HTML 57Page - STMicroelectronics RM0352 Datasheet HTML 58Page - STMicroelectronics RM0352 Datasheet HTML 59Page - STMicroelectronics RM0352 Datasheet HTML 60Page - STMicroelectronics RM0352 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 138 page
background image
DocID024647 Rev 1
57/138
RM0352
ARM© dual timer module (SP804)
137
For example, the TimerXLoad value required for a 1 ms periodic interval with
TIMCLK = 100 MHz, TIMCLKENXDIV = 1, and PRESCALEDIV = 1 is calculated as shown
in
Example 1.
Example 1 Calculating the TimerXLoad value
Note:
The minimum valid value for TimerXLoad is 1. If TimerXload is set to 0 then an interrupt is
generated immediately.
Identification registers
The dual timer module contains a set of read-only identification registers that can be used
by software to identify the timer peripheral type and revision. Software can use this
information to automatically configure itself.
See
Section 8.3: Programmer's model for details of the identification registers.
8.3
Programmer's model
This section describes the registers of the dual timer module (SP804). It contains the
following parts:
•
Summary of registers
•
Register descriptions
Table 51. Expressions for calculating timer intervals
Mode
Interval
Free running 32-bit
Free running 16-bit
Periodic and one-shot
TIMC LKE N X
DI V
PR ES CA L E
DI V
×
TIMC LK
FR E Q
-----------------------------------------------------------------------------------------------
2
32
×
TIMC LKE N X
DI V
PR ES CA L E
DI V
×
TIMC LK
FR E Q
-----------------------------------------------------------------------------------------------
2
16
×
TIM C L KEN X
DI V
PR E S C A L E
DI V
×
TIMC LK
FR EQ
-----------------------------------------------------------------------------------------------
TimerX Load
×
T i m e rXLoad
In t e r v a l
× TIMCLK
FR E Q
TIM C LKEN X
DI V
PR E S C A L E
DI V
×
-----------------------------------------------------------------------------------------------
=
Timer X Load
1 m s
100 M H z
×
1x1
-----------------------------------------
10
5
0 X 000186 A 0
=
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com