Electronic Components Datasheet Search
  English  ▼

X  

RM0352 Datasheet(PDF) 77 Page - STMicroelectronics

Part # RM0352
Description  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 73Page - STMicroelectronics RM0352 Datasheet HTML 74Page - STMicroelectronics RM0352 Datasheet HTML 75Page - STMicroelectronics RM0352 Datasheet HTML 76Page - STMicroelectronics RM0352 Datasheet HTML 77Page - STMicroelectronics RM0352 Datasheet HTML 78Page - STMicroelectronics RM0352 Datasheet HTML 79Page - STMicroelectronics RM0352 Datasheet HTML 80Page - STMicroelectronics RM0352 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 138 page
background image
DocID024647 Rev 1
77/138
RM0352
I2C bus interface
137
10.2.2
I2C slave control register (I2C_SCR)
Table 72. I2C slave control register (I2C_SCR)
Address:
I2CBaseAddress + 0x04
Type:
R/W
Reset:
0x000F0055
Description:
I
2
C slave control register
10.2.3
I2C master control register (I2C_MCR)
Table 73. I2C master control register (I2C_MCR)
Address:
I2CBaseAddress + 0x0C
Type:
R/W
Reset:
0x00000000
I2C slave control register (I2C_SCR)
31 30 29 28 27 26
25
24 23 22 21 20 19
18 17 16 15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
SLSU
RESERVED
ESA10
SA7
R/W
R
R/W
R/W
[31:16] SLSU: slave data setup time. SLSU defines the data setup time after SCL
clock stretching in terms of i2c_clk cycles. Data setup time is actually equal to
SLSU-1 clock cycles.
This value depends on the mode selected (standard/fast) and on i2c_clk
frequency. The needed setup time for the two modes are 250 ns and 100 ns
respectively. In the Brain device, the typical value for i2c_clk is 26.66 MHz. So
SLSU typical value should be 8 in standard mode and 4 in fast mode.
[9:7] ESA10: extended slave address 10-bit. ESA10 includes the extension (MSB
bits) to the SA7 register field in case of slave addressing mode set to 10-bit
(I2C_CR:SAM = 1)
[6:0] SA7: slave address 7-bit. SA7 includes the slave address 7-bit or the LSB bits
of the slave address 10-bit. The slave addressing mode is set according to the
I2C_CR:SAM setting.
I2C master control register (I2C_MCR)
31
30
29 28 27 26 25 24
23 22 21 20 19 18 17 16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESERVED
LENGTH
P
AM
SB
EA10
A7
OP
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com