Electronic Components Datasheet Search
  English  ▼

X  

RM0352 Datasheet(PDF) 74 Page - STMicroelectronics

Part # RM0352
Description  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 Datasheet(HTML) 74 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 70Page - STMicroelectronics RM0352 Datasheet HTML 71Page - STMicroelectronics RM0352 Datasheet HTML 72Page - STMicroelectronics RM0352 Datasheet HTML 73Page - STMicroelectronics RM0352 Datasheet HTML 74Page - STMicroelectronics RM0352 Datasheet HTML 75Page - STMicroelectronics RM0352 Datasheet HTML 76Page - STMicroelectronics RM0352 Datasheet HTML 77Page - STMicroelectronics RM0352 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 138 page
background image
I2C bus interface
RM0352
74/138
DocID024647 Rev 1
[25:20]
FREQ: internal clock frequency (SMBUS)
This field must be programmed to generate correct timings it is used to
generate 1 MHZ in internal clock frequency.
000000: not allowed
000001: not allowed
000010: i2c_clk = 2 MHz (kernel clock)
[19]
NACK: not-acknowledge enable (SMBUS)
In case of invalid data/command the software choose to cancel transfer by
setting this bit to '1' or to continue reception.
This bit is set and cleared by software and cleared by hardware when
I2C_CR: PE = 0.
0: no not-acknowledge returned
1: not-acknowledge returned after a next byte is received.
[18]
ENPEC: PEC enable (SMBUS)
This bit is used to enable or disable the PEC check /send.
0: PEC disabled
1: PEC enabled
[17]
ENARP: ARP enable (SMBUS)
0: ARP disable
1: ARP enable
SMBus Device default address recognized
[16]
SMBUS: SMBus mode
0: I
2
C mode
1: SMBus mode
[15]
FS: force stop enable bit, When set to 1b, the STOP condition is generated
0: force stop disabled
1: enable force stop
[14:13]
FON: Filtering on. FON sets the digital filters on the SDA, SCL line, according
to the I
2
C bus requirements, when standard open-drain pads are used:
00: no digital filters are inserted.
01: digital filters (filter 1 ck wide spikes) are inserted.
10: digital filters (filter 2 ck wide spikes) are inserted.
11: digital filters (filter 4 ck wide spikes) are inserted.
[12]
LM: loopback mode. LM sets the loopback operating mode for the I
2
C
controller: the Tx FIFO is internally redirect to the Rx FIFO. in order to trace
data stored in the Tx FIFO by reading it from the Rx FIFO.
0: normal mode.
1: loopback mode.
[11] RESERVED
[10] RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com