Electronic Components Datasheet Search
  English  ▼

X  

RM0352 Datasheet(PDF) 71 Page - STMicroelectronics

Part # RM0352
Description  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 67Page - STMicroelectronics RM0352 Datasheet HTML 68Page - STMicroelectronics RM0352 Datasheet HTML 69Page - STMicroelectronics RM0352 Datasheet HTML 70Page - STMicroelectronics RM0352 Datasheet HTML 71Page - STMicroelectronics RM0352 Datasheet HTML 72Page - STMicroelectronics RM0352 Datasheet HTML 73Page - STMicroelectronics RM0352 Datasheet HTML 74Page - STMicroelectronics RM0352 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 138 page
background image
DocID024647 Rev 1
71/138
RM0352
I2C bus interface
137
10
I2C bus interface
The Brain device provides two I
2
C bus interfaces that support following features:
Slave transmitter/receiver and master transmitter/receiver
7- and 10-bit addressing
Standard (100 KHz) and fast (400 KHz) speeds
The transmit path is buffered in a 16-byte Tx FIFO and the receive paths is buffered in
a 16-byte Rx FIFO.
In addition to receiving and transmitting data, the interface converts data from serial to
parallel format and vice-versa using an interrupt or polled handshake. The interrupts are
enabled and disabled in software.
10.1
I2C registers
The base address of the I
2
C blocks in Brain memory map is 0xA400_0000 for I2C1 and
0xA500_0000 for I2C2.
Table 70. I2C register list(1)
Address
Name
Description
I
2
C Base +0x000
I2C_CR
I
2
C control register. See
Section 10.2.1: I2C control register
(I2C_CR) on page 73.
I
2
C Base +0x004
I2C_SCR
I
2
C slave control register. See
Section 10.2.2: I2C slave control
register (I2C_SCR) on page 77.
I
2
C Base +0x008
RESERVED
This register must not be written and must keep its reset value
I
2
C Base +0x00C
I2C_MCR
I
2
C master control register. See
Section 10.2.3: I2C master
control register (I2C_MCR) on page 77.
I
2
C Base +0x010
I2C_TFR
I
2
C transmit FIFO register. See
Section 10.2.4: I2C transmit FIFO
register (I2C_TFR) on page 79.
I
2
C Base +0x014
I2C_SR
I
2
C status register. See
Section 10.2.5: I2C status register
(I2C_SR) on page 80.
I
2
C Base +0x018
I2C_RFR
I
2
C receive FIFO register. See
Section 10.2.6: I2C receive FIFO
register (I2C_RFR) on page 83.
I
2
C Base +0x01C
I2C_TFTR
I
2
C transmit FIFO threshold register. See
Section 10.2.7: I2C
transmit FIFO threshold register (I2C_TFTR) on page 84.
I
2
C Base +0x020
I2C_RFTR
I
2
C receive FIFO threshold register. See
Section 10.2.8: I2C
receive FIFO threshold register (I2C_RFTR) on page 84.
I
2
C Base +0x024
RESERVED
This register must not be written and must keep its reset value
I
2
C Base +0x028
I2C_BRCR
I
2
C baud rate counter register. See
Section 10.2.9: I2C baud-rate
counter register (I2C_BRCR) on page 85.
I
2
C Base +0x02C
I2C_IMSCR
I
2
C interrupt mask set and clear register. See
Section 10.2.10:
I2C interrupt mask set/clear register (I2C_IMSCR) on page 86.
I
2
C Base +0x030
I2C_RISR
I
2
C raw interrupt status register. See
Section 10.2.11: I2C raw
interrupt status register (I2C_RISR) on page 88.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com