Electronic Components Datasheet Search
  English  ▼

X  

RM0352 Datasheet(PDF) 79 Page - STMicroelectronics

Part # RM0352
Description  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 Datasheet(HTML) 79 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 75Page - STMicroelectronics RM0352 Datasheet HTML 76Page - STMicroelectronics RM0352 Datasheet HTML 77Page - STMicroelectronics RM0352 Datasheet HTML 78Page - STMicroelectronics RM0352 Datasheet HTML 79Page - STMicroelectronics RM0352 Datasheet HTML 80Page - STMicroelectronics RM0352 Datasheet HTML 81Page - STMicroelectronics RM0352 Datasheet HTML 82Page - STMicroelectronics RM0352 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 138 page
background image
DocID024647 Rev 1
79/138
RM0352
I2C bus interface
137
10.2.4
I2C transmit FIFO register (I2C_TFR)
Table 74. I2C transmit FIFO register (I2C_TFR)
Address:
I2CBaseAddress + 0x10
Type:
W
Reset:
0x00000000
[10:8]
EA10: extended address. Includes the extension (MSB bits) of the field A7
used to initiate the current transaction.Valid only when the addressing mode
is set to 10 bits (AM = 10)
[7:1]
A7: Address. Includes the 7-bit address or the LSB bits of the10-bit address
used to initiate the current transaction.
[0]
OP: operation
0: indicates a master write operation
1: indicates a master read operation
I2C transmit FIFO register (I2C_TFR)
31 30 29 28 27 26 25 24 23 22 21 20
19
18 17 16 15 14 13 12
11
10
9
8
7
6
5
4
3
2
1
0
RESERVED
TDATA
RW
Description:
I
2
C
transmit FIFO register
TDATA: transmission data. TDATA contains the payload related to a master
write or read- from-slave operation to be written in the Tx FIFO. The
TDATA(0) is the first LSB bit transmitted over the I
2
C line. In case of master
write operation, the Tx FIFO shall be preloaded otherwise the I
2
C controller
cannot start the operation until data are available.
[7:0]
In case of read-from-slave operation, when the slave is addressed, the
interrupt I2C_RISR:RFSR bit is asserted and the CPU shall download the
data in the FIFO. If the FIFO is empty and the I
2
C master is still requiring data,
a new request (I2C_RISR: RFSE interrupt bit) is asserted to require additional
data to the CPU. The slave controller stretches the I
2
C clock line when no
data are available for transmission. Since the Tx FIFO could contain some
pending data related to the previous transfer (the transfer length may be
unknown to the slave controller), the Tx FIFO is self-flushed before to assert
the I2C_RISR:RFSR bit. On the completion of the read-from-slave operation
the interrupt bit I2C_RISR:STD is asserted and the related status of the
operation is stored in the I2C_SR register.
In CPU mode the FIFO management shall be based on the assertion of the
interrupt bit I2C_RISR:TXFNE, related to the nearly-empty threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com