Electronic Components Datasheet Search
  English  ▼

X  

RM0352 Datasheet(PDF) 70 Page - STMicroelectronics

Part # RM0352
Description  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 66Page - STMicroelectronics RM0352 Datasheet HTML 67Page - STMicroelectronics RM0352 Datasheet HTML 68Page - STMicroelectronics RM0352 Datasheet HTML 69Page - STMicroelectronics RM0352 Datasheet HTML 70Page - STMicroelectronics RM0352 Datasheet HTML 71Page - STMicroelectronics RM0352 Datasheet HTML 72Page - STMicroelectronics RM0352 Datasheet HTML 73Page - STMicroelectronics RM0352 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 138 page
background image
System timer (SysTick)
RM0352
70/138
DocID024647 Rev 1
Reset:
0x80000000
Description:
SysTick calibration value register
9.4
Configuring SysTick
To configure the SysTick you need to load the SysTick reload value register with the interval
required between SysTick events. The timer interrupt or COUNTFLAG bit (in the SysTick
control and status register) is activated on the transition from 1 to 0, therefore it activates
every n + 1 clock ticks (the SysTick clock is the CPU clock). If a period of 100 is required, 99
should be written to the SysTick reload value register. The SysTick reload value register
supports values between 1 and 0x00FFFFFF.
If you want to use the SysTick to generate an event at a timed interval, for example 1 ms,
you can use the SysTick calibration value register to scale your value for the reload register.
The SysTick calibration value register is a read-only register that contains the number of
pulses for a period of 10 ms, in the TENMS field (bits 0 to 23). This register also has
a SKEW bit (30) that is used to indicate that the calibration for 10 ms in the TENMS section
is not exactly 10 ms due to small variations in clock frequency. Bit 31 is used to indicate if
the reference clock is provided.
The control and status register allows you to select between polling the timer by reading
COUNTFLAG (bit 16), or by the SysTick generating an interrupt.
By default the SysTick is configured for polling mode. In this mode, user code must read
COUNTFLAG to ascertain if the SysTick event had occurred. This is indicated by
COUNTFLAG being set. Reading of the control and status register clears the COUNTFLAG
bit. To configure the SysTick to generate an interrupt you must set TICKINT (bit 1 of the
SysTick control and status register) HIGH. You will also need to enable the appropriate
interrupt in the Nested Vector Interrupt Controller (NVIC). You must keep CLKSOURCE (bit
2) to 1 to select the core clock.
The Timer is enabled by setting bit 0 of the SysTick Status and control register. For more
details about SysTick registers, see
“Cortex-M0 Devices Generic User Guide”.
[31] NOREF: read as one indicates that no separate reference clock is provided.
[30] SKEW: read as one indicates calibration value for the 10 ms inexact timing is
not known. This may affect the suitability of the SysTick as a software real-
time clock.
[29:24]
RESERVED
[23:0]
TENMS: contains the number of ticks to generate a 10 ms interval.
Read as zero indicates calibration value is not known.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com