Electronic Components Datasheet Search
  English  ▼

X  

RM0352 Datasheet(PDF) 84 Page - STMicroelectronics

Part # RM0352
Description  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 Datasheet(HTML) 84 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 80Page - STMicroelectronics RM0352 Datasheet HTML 81Page - STMicroelectronics RM0352 Datasheet HTML 82Page - STMicroelectronics RM0352 Datasheet HTML 83Page - STMicroelectronics RM0352 Datasheet HTML 84Page - STMicroelectronics RM0352 Datasheet HTML 85Page - STMicroelectronics RM0352 Datasheet HTML 86Page - STMicroelectronics RM0352 Datasheet HTML 87Page - STMicroelectronics RM0352 Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 138 page
background image
I2C bus interface
RM0352
84/138
DocID024647 Rev 1
10.2.7
I2C transmit FIFO threshold register (I2C_TFTR)
Table 77. I2C transmit FIFO threshold register (I2C_TFTR)
10.2.8
I2C receive FIFO threshold register (I2C_RFTR)
Table 78. I2C receive FIFO threshold register (I2C_RFTR)
Address:
I2CBaseAddress + 0x20
Type:
R/W
Reset:
0x00000000
Description:
I
2
C receive FIFO threshold register
I2C transmit FIFO threshold register (I2C_TFTR)
31
30
29
28
27
26
25
24
23
22
21
20
19
18 17 16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESERVED
THRESHOLD_TX
RR/W
Address:
I2CBaseAddress + 0x1C
Type:
R/W
Reset:
0x00000000
Description: I
2
C
transmit FIFO threshold register
[9:0]
THRESHOLD_TX: threshold Tx. THRESHOLD_TX contains the threshold
value, in terms of number of bytes, of the Tx FIFO.
When the number of entries of the Tx FIFO is less or equal than the threshold
value, the interrupt bit I2C_RISR:TXFNE is set in order to request the loading
of data to the application (in CPU mode).
I2C receive FIFO threshold register (I2C_RFTR)
31 30 29 28 27
26
25 24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESERVED
THRESHOLD_RX
RR/W
[9:0]
THRESHOLD_RX: threshold Rx. THRESHOLD_RX contains the threshold
value, in terms of number of bytes, of the Rx FIFO.
When the number of entries of the Rx FIFO is greater or equal than the
threshold value, the interrupt bit I2C_RISR:RXFNF is set in order to request
the download of received data to the application. The application (in CPU
mode) shall download the received data based on threshold
(I2C_RISR:RXFNF).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com