Electronic Components Datasheet Search
  English  ▼

X  

RM0352 Datasheet(PDF) 92 Page - STMicroelectronics

Part # RM0352
Description  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 Datasheet(HTML) 92 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 88Page - STMicroelectronics RM0352 Datasheet HTML 89Page - STMicroelectronics RM0352 Datasheet HTML 90Page - STMicroelectronics RM0352 Datasheet HTML 91Page - STMicroelectronics RM0352 Datasheet HTML 92Page - STMicroelectronics RM0352 Datasheet HTML 93Page - STMicroelectronics RM0352 Datasheet HTML 94Page - STMicroelectronics RM0352 Datasheet HTML 95Page - STMicroelectronics RM0352 Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 138 page
background image
I2C bus interface
RM0352
92/138
DocID024647 Rev 1
10.2.12
I2C masked interrupt status register (I2C_MISR)
Table 82. I2C masked interrupt status register (I2C_MISR
)
Address:
I2CBaseAddress + 0x34
Type:
R
Reset:
0x00000000
[3]
TXFOVR: Tx FIFO overrun. TXFOVR is set when a write operation in the Tx
FIFO is performed and the Tx FIFO is full. The application must avoid
overflow condition by a proper data flow control. Anyway in case of overrun,
the application shall flush the transmitter (I2C_CR:FTX bit to set) because the
Tx FIFO content is corrupted (at least a word has been lost in the FIFO). This
interrupt is cleared setting the related bit of the I2C_ICR register.
0: no overrun condition occurred in the Tx FIFO.
1: overrun condition occurred in the Tx FIFO.
[2]
TXFF: Tx FIFO full. TXFF is set when a full condition occurs in the Tx FIFO
(only for debugging purpose). This bit is self cleared when the Tx FIFO is not
full.
0: Tx FIFO is not full.
1: Tx FIFO is full.
[1]
TXFNE: Tx FIFO nearly empty. TXFNE is set when the number of entries in
the Tx FIFO is less or equal than the threshold value programmed in the
I2CTFTR:THRESHOLD_TX register. It is self cleared when the threshold
level is over the programmed threshold.
0: number of entries in the Tx FIFO greater than the
I2CTFTR:THRESHOLD_TX register.
1: number of entries in the Tx FIFO less or equal than the
I2CTFTR:THRESHOLD_TX register.
[0]
TXFE: Tx FIFO empty. TXFE is set when the Tx FIFO is empty (only for
debugging purpose).
This bit is self cleared writing in the Tx FIFO.
0: Tx FIFO is not empty.
1: Tx FIFO is empty.
I2C masked interrupt status register (I2C_MISR)
31
30
29
28
27 26 25 24
23
22
21 20
19 18 17 16
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
RESERVED
R
R
R
R
R
R
R
R
R
R
RRRR
R
R
R
R
R
R
R
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com