Electronic Components Datasheet Search
  English  ▼

X  

RM0352 Datasheet(PDF) 91 Page - STMicroelectronics

Part # RM0352
Description  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 Datasheet(HTML) 91 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 87Page - STMicroelectronics RM0352 Datasheet HTML 88Page - STMicroelectronics RM0352 Datasheet HTML 89Page - STMicroelectronics RM0352 Datasheet HTML 90Page - STMicroelectronics RM0352 Datasheet HTML 91Page - STMicroelectronics RM0352 Datasheet HTML 92Page - STMicroelectronics RM0352 Datasheet HTML 93Page - STMicroelectronics RM0352 Datasheet HTML 94Page - STMicroelectronics RM0352 Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 138 page
background image
DocID024647 Rev 1
91/138
RM0352
I2C bus interface
137
0: Tx FIFO is not empty.
1: Tx FIFO is empty with the read-from-slave operation in progress.
[16] RFSR: read-from-slave request. RFSR is set when a read-from-slave “slave-
transmitter” request is received (I
2
C slave is addressed) from the I
2
C line. On
the assertion of this interrupt the Tx FIFO is flushed (pending data are
cleared) and the CPU shall put the data in the Tx FIFO. This bit is self-cleared
writing data in the FIFO. In case the FIFO is empty before the completion of
the read operation the I2C_RISR:RFSE interrupt bit is set.This interrupt is
cleared setting the related bit of the I2C_ICR register.
0: read-from-slave request has been served.
1: read-from-slave request is pending.
[15] LBR: length number of bytes received (SMBUS mode). LBR is set in case of
MR or WTS and when the number of bytes received is equal to the
transaction length programmed in the I2C_MCR:LENGTH (master mode) or
I2C_SMB_SCR:LENGTH (slave mode). On the assertion of this interrupt and
when the bit I2C_CR:FRC_STRTCH is set, the hardware starts clock
stretching, the CPU shall download the data byte (command code, Byte
count, data, etc.) from the Rx FIFO, reset the expected length of the
transaction in I2C_SMB_SCR:LENGTH and clear interrupt. When clearing
this interrupt the hardware continues transfer.This interrupt is cleared setting
the related bit of the I2C_ICR register.
0: length number of bytes is not received.
1: length number of bytes received.
[6] RXFF: Rx FIFO full. RXFF is set when a full condition occurs in the Rx FIFO
(only for debugging purpose). This bit is self cleared when the data are read
from the Rx FIFO.
0: Rx FIFO is not full.
1: Rx FIFO is full.
[5] RXFNF: Rx FIFO nearly full. RXFNF is set when the number of entries in the
Rx FIFO is greater or equal than the threshold value programmed in the
I2CRFTR:THRESHOLD_RX register. Its self cleared when the threshold
level is under the programmed threshold.
0: number of entries in the Rx FIFO less than the
I2CRFTR:THRESHOLD_RX register.
1: number of entries in the Rx FIFO greater or equal than the
I2CRFTR:THRESHOLD_RX register.
[4] RXFE: Rx FIFO empty. RXFE is set when the Rx FIFO is empty (only for
debugging purpose).
This bit is self cleared when the slave Rx FIFO is not empty.
0: Rx FIFO is not empty.
1: Rx FIFO is empty.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com