Electronic Components Datasheet Search
  English  ▼

X  

RM0352 Datasheet(PDF) 68 Page - STMicroelectronics

Part # RM0352
Description  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 64Page - STMicroelectronics RM0352 Datasheet HTML 65Page - STMicroelectronics RM0352 Datasheet HTML 66Page - STMicroelectronics RM0352 Datasheet HTML 67Page - STMicroelectronics RM0352 Datasheet HTML 68Page - STMicroelectronics RM0352 Datasheet HTML 69Page - STMicroelectronics RM0352 Datasheet HTML 70Page - STMicroelectronics RM0352 Datasheet HTML 71Page - STMicroelectronics RM0352 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 138 page
background image
System timer (SysTick)
RM0352
68/138
DocID024647 Rev 1
9.3
SysTick registers descriptions
9.3.1
SysTick control and status register (SYST_CSR)
Address: SysTick BaseAddress + 0x000
Type:
R/W
Reset:
0x00000004
Description:
SysTick control and status register
9.3.2
SysTick reload value register (SYST_RVR)
Address:
SysTick BaseAddress + 0x004
Table 66. SysTick control and status register
SysTick control and status register (SYST_CSR)
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17
16
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
[31:17]
RESERVED
[16]
COUNTFLAG: returns 1 if timer counted to 0 since the last read of this
register.
[15:3]
RESERVED
[2]
CLKSOURCE: selects the SysTick timer clock source
0: external reference clock
1: processor clock
[1]
TICKINT: enables SysTick exception request
0: counting down to zero does not assert the SysTick exception request.
1: counting down to zero asserts the SysTick exception request.
[0]
ENABLE: enables the counter.
0: counter disabled
1: counter enabled
Table 67. SysTick reload value register
SysTick reload value register (SYST_RVR)
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17
16
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
RESERVED
RELOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com