Electronic Components Datasheet Search
  English  ▼

X  

RM0352 Datasheet(PDF) 104 Page - STMicroelectronics

Part # RM0352
Description  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 Datasheet(HTML) 104 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 100Page - STMicroelectronics RM0352 Datasheet HTML 101Page - STMicroelectronics RM0352 Datasheet HTML 102Page - STMicroelectronics RM0352 Datasheet HTML 103Page - STMicroelectronics RM0352 Datasheet HTML 104Page - STMicroelectronics RM0352 Datasheet HTML 105Page - STMicroelectronics RM0352 Datasheet HTML 106Page - STMicroelectronics RM0352 Datasheet HTML 107Page - STMicroelectronics RM0352 Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 138 page
background image
SPI (serial peripheral interface)
RM0352
104/138
DocID024647 Rev 1
11.4.2
Control register 1, SSPCR1
The SSPCR1 register characteristics are:
Purpose
The SSPCR1 is the control register 1 and contains four different bit
fields, that control various functions within the PrimeCell SSP.
Usage constraints
There are no usage constraints.
Configurations
Available in all SSP configurations.
Attributes
See
Table 96.
Table 98 shows the bit assignments.
11.4.3
Data register, SSPDR
The SSPDR register characteristics are:
Purpose
The SSPDR is the data register and is 16-bit wide. When the SSPDR
is read, the entry in the receive FIFO, pointed to by the current FIFO
read pointer, is accessed. As data values are removed by the
PrimeCell SSP receive logic from the incoming data frame, they are
placed into the entry in the receive FIFO, pointed to by the current
FIFO write pointer.
Table 98. SSPCR1 register bit assignments
Bits
Name
Function
[15:4]
-
RESERVED, read unpredictable, should be written as 0.
[3]
SOD
Slave-mode output disable. This bit is relevant only in the slave mode, MS = 1. In multiple-slave
systems, it is possible for a PrimeCell SSP master to broadcast a message to all slaves in the
system while ensuring that only one slave drives data onto its serial output line. In such systems
the
RXD lines from multiple slaves could be tied together.
To operate in such systems, the SOD bit can be set if the PrimeCell SSP slave is not supposed
to drive the
SSPTXD line:
0:
SSP can drive the
SSPTXD output in slave mode.
1:
SSP must not drive the
SSPTXD output in slave mode.
[2]
MS
Master or slave mode select.
This bit can be modified only when the PrimeCell SSP is disabled, SSE = 0:
0:
device configured as master, default.
1:
device configured as slave.
[1]
SSE
Synchronous serial port enable:
0:
SSP operation disabled.
1:
SSP operation enabled.
[0]
LBM
Loop back mode:
0:
normal serial port operation enabled.
1:
output of transmit serial shifter is connected to input of receive serial shifter internally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com