| Electronic Components Datasheet Search |
|
RM0352 Datasheet(PDF) 122 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RM0352 Datasheet(HTML) 122 Page - STMicroelectronics |
|
122 / 138 page ![]() UART (universal asynchronous receive transmit) RM0352 122/138 DocID024647 Rev 1 12.6.3 Flag register, UARTFR The UARTFR register is the flag register. After reset TXFF, RXFF, and BUSY are 0, and TXFE and RXFE are 1. Table 117 lists the register bit assignments. 2BE Break error. This bit is set to 1 if a break condition was detected, indicating that the received data input was held LOW for longer than a full-word transmission time (defined as start, data, parity, and stop bits). This bit is cleared to 0 after a write to UARTECR. In the FIFO mode, this error is associated with the character at the top of the FIFO. When a break occurs, only one 0 character is loaded into the FIFO. The next character is only enabled after the receive data input goes to a 1 (marking state) and the next valid start bit is received. 1PE Parity error. When set to 1, it indicates that the parity of the received data character does not match the parity that the EPS and SPS bits in the line control register, UARTLCR_H Section 12.6.7 on page 126 select. This bit is cleared to 0 by a write to UARTECR. In the FIFO mode, this error is associated with the character at the top of the FIFO. 0FE Framing error. When set to 1, it indicates that the received character did not have a valid stop bit (a valid stop bit is 1). This bit is cleared to 0 by a write to UARTECR. In the FIFO mode, this error is associated with the character at the top of the FIFO. 1. The received data character must be read first from the data register, UARTDR Section 12.6.1 on page 120 before reading the error status associated with that data character from the UARTRSR register. This read sequence cannot be reversed, because the UARTRSR register is updated only when a read occurs from the UARTDR register. However, the status information can also be obtained by reading the UARTDR register. Table 116. UARTRSR/UARTECR register(1) (continued) Bits Name Function Table 117. UARTFR register Bits Name Function 15:9 - RESERVED, do not modify, read as zero. 8RI Ring indicator. This bit is the complement of the UART ring indicator, nUARTRI, modem status input. That is, the bit is 1 when nUARTRI is LOW. 7TXFE Transmit FIFO empty. The meaning of this bit depends on the state of the FEN bit in the line control register, UARTLCR_H in Section 12.6.7 on page 126. If the FIFO is disabled, this bit is set when the transmit holding register is empty. If the FIFO is enabled, the TXFE bit is set when the transmit FIFO is empty. This bit does not indicate if there is data in the transmit shift register. 6RXFF Receive FIFO full. The meaning of this bit depends on the state of the FEN bit in the UARTLCR_H register. If the FIFO is disabled, this bit is set when the receive holding register is full. If the FIFO is enabled, the RXFF bit is set when the receive FIFO is full. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |