Electronic Components Datasheet Search
  English  ▼

X  

RM0352 Datasheet(PDF) 128 Page - STMicroelectronics

Part # RM0352
Description  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 Datasheet(HTML) 128 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 124Page - STMicroelectronics RM0352 Datasheet HTML 125Page - STMicroelectronics RM0352 Datasheet HTML 126Page - STMicroelectronics RM0352 Datasheet HTML 127Page - STMicroelectronics RM0352 Datasheet HTML 128Page - STMicroelectronics RM0352 Datasheet HTML 129Page - STMicroelectronics RM0352 Datasheet HTML 130Page - STMicroelectronics RM0352 Datasheet HTML 131Page - STMicroelectronics RM0352 Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 138 page
background image
UART (universal asynchronous receive transmit)
RM0352
128/138
DocID024647 Rev 1
Note:
To enable transmission, the TXE bit and UARTEN bit must be set to 1. Similarly, to enable
reception, the RXE bit and UARTEN bit, must be set to 1.
10
DTR
Data transmit ready. This bit is the complement of the UART data transmit ready,
nUARTDTR,
modem status output. That is, when the bit is programmed to 1 then
nUARTDTR is LOW.
9
RXE
Receive enable. If this bit is set to 1, the receive section of the UART is enabled. Data reception
occurs for either UART signals or SIR signals depending on the setting of the SIREN bit. When
the UART is disabled in the middle of reception, it completes the current character before
stopping.
8
TXE
Transmit enable. If this bit is set to 1, the transmit section of the UART is enabled. Data
transmission occurs for either UART signals, or SIR signals depending on the setting of the
SIREN bit. When the UART is disabled in the middle of transmission, it completes the current
character before stopping.
7:3
-
RESERVED, do not modify, read as zero.
2
SIRLP
SIR low-power IrDA mode. This bit selects the IrDA encoding mode. If this bit is cleared to 0,
low-level bits are transmitted as an active high pulse with a width of 3/16 of the bit period. If this
bit is set to 1, low-level bits are transmitted with a pulse width that is 3 times the period of the
IrLPBaud16 input signal, regardless of the selected bit rate. Setting this bit uses less power, but
might reduce transmission distances.
1
SIREN
SIR enable:
0 = IrDA SIR ENDEC is disabled. nSIROUT remains LOW (no light pulse generated), and signal
transitions on SIRIN have no effect.
1 = IrDA SIR ENDEC is enabled. Data is transmitted and received on nSIROUT and SIRIN.
UARTTXD remains HIGH, in the marking state. Signal transitions on UARTRXD or modem
status inputs have no effect.
This bit has no effect if the UARTEN bit disables the UART.
0
UARTEN
UART enable:
0 = UART is disabled. If the UART is disabled in the middle of transmission or reception, it
completes the current character before stopping.
1 = the UART is enabled. Data transmission and reception occurs for either UART signals or SIR
signals depending on the setting of the SIREN bit.
Table 125. UARTCR register (continued)
Bits
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com