Electronic Components Datasheet Search
  English  ▼

X  

AN1172 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN1172
Description  A logic-level transient-voltage protected AC switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1172 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN1172 Datasheet HTML 2Page - STMicroelectronics AN1172 Datasheet HTML 3Page - STMicroelectronics AN1172 Datasheet HTML 4Page - STMicroelectronics AN1172 Datasheet HTML 5Page - STMicroelectronics AN1172 Datasheet HTML 6Page - STMicroelectronics AN1172 Datasheet HTML 7Page - STMicroelectronics AN1172 Datasheet HTML 8Page - STMicroelectronics AN1172 Datasheet HTML 9Page - STMicroelectronics AN1172 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Inductive loads on/off control
AN1172
6/23
2.1.2
Maximum switching frequency
As far as thermal management involving clamping phases is concerned, a maximum load
commutation frequency must be defined to avoid excessive device heating. Figure 5. gives
the maximum supplementary temperature rise due to recurrent clampings, versus the ACS
switching period (see Appendix C). This value is given for a 230 V - 50 Hz mains voltage
(110 V mains is less stressing), for the worst case of load (power factor = 0.1, peak load
current = iH max) and for the maximum VCL and iH values (800 V and 60 mA respectively). In
this case, the energy absorbed by the die equals 25 mJ.
The chosen package is the TO92 one (ACS108-5SA device) because it presents the highest
Rth value, among ACS packages on offer (DIL20, TO92, SOT223, DIL8).
It can be seen that this temperature elevation can be neglected (< 4° C) as long as the
control frequency is less than one Hertz. Such a value is suitable for most appliance
applications where loads are at most controlled once per second. For that reason, in ACS
data-sheets, the maximum allowed current is given for a 1 Hertz maximum frequency 0.1
minimum load power factor. Turn-off dissipated power is then reviewed for a wide range of
application needs.
This enables us to conclude that no varistor is needed across ACSs to clamp the loads
inductive energy at turn-off, even with electromagnets which are the highest inductive loads
in Appliances.
Figure 5.
Supplementary temperature elevation due to repetitive clampings (@
clamping energy = 25 mJ, package: TO92)
2.2
Pumps and Fans ON / OFF control
2.2.1
Application requirements for (dI/dt)c and (dV/dt)c
There is a higher risk that a triac or an ACS will fail to turn-off when both the load current
rate of decrease and the reapplied voltage rate across the device are steep (see
References, 3.). This risk increases as the junction temperature increases. The maximum
current decreasing rate that ACS can switch off, called (dI/dt)c is defined for a maximum
reapplied voltage rate, called (dV/dt)c, and for its maximum Tj.
Appliances
operation field
ACS switching period (T) (s)
∆ T
(° C)
rep
0
0
0.5
1.0
1.5
2.0
10
20
30
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com