Electronic Components Datasheet Search
  English  ▼

X  

AN1172 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN1172
Description  A logic-level transient-voltage protected AC switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1172 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN1172 Datasheet HTML 7Page - STMicroelectronics AN1172 Datasheet HTML 8Page - STMicroelectronics AN1172 Datasheet HTML 9Page - STMicroelectronics AN1172 Datasheet HTML 10Page - STMicroelectronics AN1172 Datasheet HTML 11Page - STMicroelectronics AN1172 Datasheet HTML 12Page - STMicroelectronics AN1172 Datasheet HTML 13Page - STMicroelectronics AN1172 Datasheet HTML 14Page - STMicroelectronics AN1172 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
AN1172
Resistive loads on/off control
11/23
To avoid destroying the ACSs at each lamp flashover, a power resistor can be added in
series with the light.
This resistor (R) is rated in order to limit the ACS current to its ITSM value (10 A for a 10 ms
half sinus conduction). R is calculated as following:
Equation 6
The power dissipated by the resistor is linked on the load RMS current, and so on the load
power (PL). Here we have :
Equation 7
A 33
Ω 1/2 W resistor is sufficient.
Figure 11. gives the overcurrent measured with such a resistor during the flashover of a
25 W light bulb.
Figure 11.
Flashover current limited by a 33
Ω 1/2 W resistor
=
=33
10
2
230
R
W
39
.
0
230
/
25
33
V
/
P
R
P
2
2
L
=
×
=
=
Iout (2 A/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com