Electronic Components Datasheet Search
  English  ▼

X  

AN1172 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN1172
Description  A logic-level transient-voltage protected AC switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1172 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN1172 Datasheet HTML 10Page - STMicroelectronics AN1172 Datasheet HTML 11Page - STMicroelectronics AN1172 Datasheet HTML 12Page - STMicroelectronics AN1172 Datasheet HTML 13Page - STMicroelectronics AN1172 Datasheet HTML 14Page - STMicroelectronics AN1172 Datasheet HTML 15Page - STMicroelectronics AN1172 Datasheet HTML 16Page - STMicroelectronics AN1172 Datasheet HTML 17Page - STMicroelectronics AN1172 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Electromagnetic compatibility standards
AN1172
14/23
Figure 14.
IEC 61000-4-4 test synopsis
Figure 15. shows the OUT-COM voltage measured during a 2 kV IEC 61000-4-4 test (N.B.:
1 kV is required for public power network). We see that in spite of capacitive current due to
high dV/dt rates, the ACS does not turn-on. The semiconductor switch withstanding to IEC
61000-4-4 depends on its dV/dt capability. ACS devices present dV/dt characteristics ten
times greater than both same current and sensibility ratings triacs. For example, a 10 mA
maximum 0.2A igt ACS has a minimum dV/dt capability of 500 V/µs (@ Tj = 110 °C).
It can also be seen that the ACS voltage overflows its breakdown value given for a 50 Hz
sine wave (810 V is reached in spite of 650 V breakdown value). In fact, the voltage rate of
increase is so high that the silicon device has not enough time to begin to clamp. A higher
value than its VCL value can then be reached.
Figure 15.
IEC 61000-4-4 test on ACS402-5 cell for a 2 kV burst
To sum up, it can be said that ACSs, thanks to their high dV/dt capability, improve the overall
electronic board robustness towards fast line transients without any snubber. But it must be
kept in mind that the mains filter Y2 capacitors play also a role in sustaining IEC 61000-4-4
tests, by derivating some part of the bursts energy. The typical values of these capacitors
are 2.2 nF.
10 cm
10 cm
100 pF
Ground Reference
Mains
Filter
IEC1000-4-4
Generator
High Voltage
Output
25 W light bulb
Test board
220
Ω
COM
Ω
Ω
Ω
220
220
220
Y2
Iout (1 A/div)
Vout (250 V/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com