Electronic Components Datasheet Search
  English  ▼

X  

AN1172 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN1172
Description  A logic-level transient-voltage protected AC switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1172 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN1172 Datasheet HTML 14Page - STMicroelectronics AN1172 Datasheet HTML 15Page - STMicroelectronics AN1172 Datasheet HTML 16Page - STMicroelectronics AN1172 Datasheet HTML 17Page - STMicroelectronics AN1172 Datasheet HTML 18Page - STMicroelectronics AN1172 Datasheet HTML 19Page - STMicroelectronics AN1172 Datasheet HTML 20Page - STMicroelectronics AN1172 Datasheet HTML 21Page - STMicroelectronics AN1172 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
ESD diode conduction due to kick-back
AN1172
18/23
To compare the kick-back effect of triacs and ACSs, a special test circuit has been defined.
It consists on turning on the switch with a 10nF capacitor connected directly across the A1-
A2 or OUT-COM terminals. The capacitor is charged at 300 V. Figure 19. and Figure 20.
show the experimental results obtained with such a testing method, for a positive bias
voltage.
A Z0109 (0.8 A IRMS 10 mA igt ST triac) doesn't fulfill with Equation B4, for VGA1 voltage
reaches 13.5 V with a 65 A/µs dI/dt rate. This is largely above the supply voltage. With the
ACS402, the maximum Vg voltage is 1.5 V, and is still within the limits of Equation B4
despite a dI/dt which is twice as big as with the Z0109.
ACS / MCU interface would then be secured even at turn-on at peak mains voltage or on a
short-circuit.
Figure 19.
Kick-back test with ACS402
Figure 20.
Kick-back test with Z0109
triac
Iout (5 A/div)
Vg (5 V/div) 1,5 V
+5 V
-5 V
dI/dt = 110 A/µs
IA2 (5 A/div)
Vg (5 V/div)
13,5 V
+5 V
-5 V
dI/dt = 65 A/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com