Electronic Components Datasheet Search
  English  ▼

X  

AN1172 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN1172
Description  A logic-level transient-voltage protected AC switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1172 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN1172 Datasheet HTML 3Page - STMicroelectronics AN1172 Datasheet HTML 4Page - STMicroelectronics AN1172 Datasheet HTML 5Page - STMicroelectronics AN1172 Datasheet HTML 6Page - STMicroelectronics AN1172 Datasheet HTML 7Page - STMicroelectronics AN1172 Datasheet HTML 8Page - STMicroelectronics AN1172 Datasheet HTML 9Page - STMicroelectronics AN1172 Datasheet HTML 10Page - STMicroelectronics AN1172 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
AN1172
Inductive loads on/off control
7/23
Pumps and Fans are, for the most part, induction or permanent magnet motors. Their series
inductance is in the range of one Henry, and their winding resistance equals a few hundred
Ohm. Their power factor is low. Hence, after switch turn-off, the reapplied voltage across it is
high and appears with a high rate of increase (as described in Equation 1 where L and cos
ϕ
are the inductance and power factor of the load, V the mains RMS voltage and C is the ACS
capacitance value).
Equation 1
Figure 6. shows that the (dV/dt)c rate for an ACS402-5 die without any snubber, controlling a
230 V 220 mA pump, is lower than 10 V/µs. The measure will be similar with an ACS108-5
die because it presents the same capacitance value as an ACS402-5.
Equation 2 shows that the current rate of decrease is almost half the RMS current (0.44 ratio
for a 50 Hz mains frequency and 0.53 for 60 Hz).
Equation 2
To summarize, it can be said that the worst case commutation appears with pumps or fans.
In this case, the stress that ACSs must withstand is:
Equation 3
Figure 6.
230 V 220 mA RMS pump switch-off
()
)
F
(
)
H
(
6
)
V
(
)
µs
/
V
(
C
L
10
sin
2
V
c
dt
/
dV
−
≅ϕ
3
)
Hz
(
)
A
(
RMS
)
ms
/
A
(
10
f
2
I
2
c
dt
/
dI
-
≅π
()
⎩
⎨
⎧
≤
≅
µs
/
V
10
c
dt
/
dV
I
5
.
0
c
dt
/
dI
)
A
(
RMS
)
ms
/
A
(
dV/dt = 8,7 V/µs
Iout (10 mA/div)
Vout (50 V/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com