Electronic Components Datasheet Search
  English  ▼

X  

AN1172 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN1172
Description  A logic-level transient-voltage protected AC switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1172 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN1172 Datasheet HTML 8Page - STMicroelectronics AN1172 Datasheet HTML 9Page - STMicroelectronics AN1172 Datasheet HTML 10Page - STMicroelectronics AN1172 Datasheet HTML 11Page - STMicroelectronics AN1172 Datasheet HTML 12Page - STMicroelectronics AN1172 Datasheet HTML 13Page - STMicroelectronics AN1172 Datasheet HTML 14Page - STMicroelectronics AN1172 Datasheet HTML 15Page - STMicroelectronics AN1172 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Electromagnetic compatibility standards
AN1172
12/23
4
Electromagnetic compatibility standards
4.1
IEC 61000-4-5 standard
4.1.1
Standard requirements
The IEC 61000-4-5 standard has been established to check if systems can always work
after there has been a voltage surge super-imposed to the mains. A standard voltage
waveform has been chosen which embodies typical over-voltages due to thunder or
disconnection of running inductive loads from the line.
Two kinds of surges must be applied:
1.
Line to Ground surge: in this case the maximum voltage surge is 4 kV (for aerial
power network), but the energy is absorbed by the Y2 capacitors (connected between
lines and ground) of the mains filter.
2.
Line to Neutral surge: in this case the maximum voltage surge is 2 kV (for aerial
power network, N.B: 1 kV is required for public power network) and is applied across
the power device and the load controlled by this one.
A Line to Neutral over-voltage is then:
1.
entirely absorbed by the load if the power switch is ON;
2.
entirely held by the semiconductor device if it appears while the switch is at off-state.
As the Line to Neutral surge can appear at peak mains voltage, the overall amount of
voltage can reach 2.4 kV. This will be higher than the break-down level of the silicon devices
used in appliances. Then, in order to prevent components destruction, designers use a
varistor connected across silicon devices. The overvoltage is limited below the breakdown
level of the power semiconductor and the surge energy is absorbed by the metal-oxyde
component.
4.1.2
ACS behavior during IEC 61000-4-5 test
When a surge appears when an ACS is OFF, the mains over-voltage is first clamped by the
device. But an excessive energy surge can raise the ACS current above its breakover level.
Then, the switch turns on in break over mode. Such an event is particularly stressful on the
semiconductor especially so if the current and its rate of increase are both high. The worst
case occurs for ACS driving low resistance, non inductive loads.
For example, Figure 12. and Figure 13. have been recorded with a thermal active door lock
system at low temperature. The 2 kV surge is super-imposed to the 230 V - 50 Hz mains
and synchronized with its peak value, as shown on Figure 12. Figure 13. highlights the
device turn-on in this mode. As the load was previously off, its resistance is cold and equals
150
Ω. In this case, the current rises at a rate of 100 A/µs and reaches 15 A. Such transient
surges would damage triacs, but not ACSs which are designed to turn-on in breakover
mode. No more varistor is then needed in parallel across ACSs unlike triacs. The difference
between ACS and Triac + Varistor is that, with the ACS, the load is switched on during a half
or one mains cycle. This can be accepted as such events happen a few times in the
system's life.
Reliability tests are carried out on production batches to check the ACS robustness towards
IEC 61000-4-5. A standard surge generator is used directly across a load and an ACS. The
load is a 150
Ω resistor, including a 3 µH parasitic inductance, to simulate a cold door-lock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com