Electronic Components Datasheet Search
  English  ▼

X  

AN1172 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN1172
Description  A logic-level transient-voltage protected AC switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1172 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN1172 Datasheet HTML 15Page - STMicroelectronics AN1172 Datasheet HTML 16Page - STMicroelectronics AN1172 Datasheet HTML 17Page - STMicroelectronics AN1172 Datasheet HTML 18Page - STMicroelectronics AN1172 Datasheet HTML 19Page - STMicroelectronics AN1172 Datasheet HTML 20Page - STMicroelectronics AN1172 Datasheet HTML 21Page - STMicroelectronics AN1172 Datasheet HTML 22Page - STMicroelectronics AN1172 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
AN1172
How to calculate the junction temperature during clamping periods
19/23
Appendix C
How to calculate the junction temperature
during clamping periods
C.1
Dissipated power evaluation
It should be kept in mind that the load inductive energy is not entirely absorbed by the die at
clamping. Another part is dissipated by the Joule effect in the load resistor or absorbed by
the mains. A way to accurately evaluate the clamping energy is then to estimate the ACS
current waveform, versus the time. The energy is then calculated by integrating this
waveform and the product of the clamping voltage along the turn-off period.
Figure 21.
Electric equivalent circuit at clamping
Let us consider a typical AC load equivalent circuit shown in Figure 21. The load current
during the clamping time is given by the following relationship.
Equation C1
It is difficult to evaluate the influence of E in a general way. Its sign depends on its phase
towards the current and the value of the holding current. But, it can be said that the back
electromotive force has little influence for most universal and synchronous motors in which
impedances are high and E is close to zero. Furthermore, for all other loads, such as
passive loads or asynchronous motors, the b.e.m.f E is null. For this reason, let us neglect
its value. Let cos
ϕ be the load power factor and V the RMS mains voltage. Since the
clamping occurs near the zero crossing current, the value of the main voltage at t0, for a
positive current, is given by the relationship C.2.
Equation C2
Figure 22. shows the current waveforms calculated with such an hypothesis, and assuming
that the holding current does not depend on the current rate of decrease. The junction
temperature influence on the iH and Vcl levels is also not considered. Then, i(t0), in Equation
C1, is equal to the iH value given for a 25°C junction temperature (ex: around 30 mA for an
ACS402-5 or an ACS108-5). The ACS clamping voltage is taken equal to 700 V.
Calculations are carried out for 100 mA RMS loads with different power factors, and for a
230 V 50 Hz mains voltage.
Vac
Vcl
I
R
L
E
()
()
0
0
t
t
L
R
0
t
t
L
R
cl
e
)
t
(
i
1
e
R
Vac
E
V
)
t
(
i
-
-
-
-
⋅
+
⎟⎟⎠
⎞
⎜⎜⎝
⎛
-
-
+
=
ϕ
²
cos
1
2
V
Vac
-
⋅
-
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com