Electronic Components Datasheet Search
  English  ▼

X  

AN1172 Datasheet(PDF) 15 Page - STMicroelectronics

Part # AN1172
Description  A logic-level transient-voltage protected AC switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1172 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button AN1172 Datasheet HTML 11Page - STMicroelectronics AN1172 Datasheet HTML 12Page - STMicroelectronics AN1172 Datasheet HTML 13Page - STMicroelectronics AN1172 Datasheet HTML 14Page - STMicroelectronics AN1172 Datasheet HTML 15Page - STMicroelectronics AN1172 Datasheet HTML 16Page - STMicroelectronics AN1172 Datasheet HTML 17Page - STMicroelectronics AN1172 Datasheet HTML 18Page - STMicroelectronics AN1172 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
AN1172
Conclusion
15/23
Conclusion
ACS retains the well-known advantages of the triac (high AC voltage blocking capability,
current bidirectionality) and adds high over-voltage robustness and the increased reliability
and compactness that appliance manufacturers now need.
Thanks to the clamping capability and robust break-over characteristics of the ACS
structure, the protection circuits that are usually connected in parallel with the triacs, are no
longer required. The varistor removal increases automatically the reliability of the electronic
board. And the snubber removal allows designers to be free with the dV/dt at off state and
dI/dt at turn-on trade-off when choosing an R-C circuit.
In addition, the triac gate-drive transistor and its associated resistors are also redundant
because ACS devices have built-in logic level drive circuits that allow the power switch to be
safely driven from any MCU output pin capable of sinking 20 mA without over-stressing the
micro-controller output.
Hence, the typical component count falls from eight with triacs, down to two with ACSs (see
Figure 16.).
The new ACS devices represent a real breakthrough in the design of power switches for
home appliances. The enhanced performance, for example their robust off-state and logic
level drive, allied to their inherent compactness will open new perspectives in the design of
compact and reliable electronic power controllers.
Figure 16.
Component count reduction thanks to ACS
References
1.
P.Rault, "Triacs for Home Appliances: present and future", PCIM forum, Honk Kong, pp.
57-65, 1998.
2.
E.Leblanc, "Thyristors and Triacs, an Important Parameter: the Holding Current",
Application Note n°302, STMicroelectronics, February 1989.
3.
P.Rault, "Improvement in the Triac commutation", Application Note n°439,
STMicroelectronics, May 1992.
4.
SCR Manual, General Electric, 6th Edition, 1979.
Vcc
Vcc
ACS
MCU
MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com