Electronic Components Datasheet Search
  English  ▼

X  

AN1172 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1172
Description  A logic-level transient-voltage protected AC switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1172 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1172 Datasheet HTML 1Page - STMicroelectronics AN1172 Datasheet HTML 2Page - STMicroelectronics AN1172 Datasheet HTML 3Page - STMicroelectronics AN1172 Datasheet HTML 4Page - STMicroelectronics AN1172 Datasheet HTML 5Page - STMicroelectronics AN1172 Datasheet HTML 6Page - STMicroelectronics AN1172 Datasheet HTML 7Page - STMicroelectronics AN1172 Datasheet HTML 8Page - STMicroelectronics AN1172 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
AN1172
Inductive loads on/off control
5/23
2
Inductive loads on/off control
2.1
Valves and relays
2.1.1
Turn-off overvoltages are clamped by ACSs
Valves and relays are both electromagnetic systems. In the case of AC high voltage
operation, their windings present a high series resistance (a few k
Ω) and a high series
inductance (tens of Henry). Hence, they absorb a low RMS current (typically, 10 to 50 mA).
In this case, the current rate of decrease is low and an automatic switch turn-off may result,
when its current becomes lower than the holding level (see References, 2.). There may be
an over-voltage due to the fact that there is still some current through the inductive load. The
inductive energy thus creates a back electromotive voltage which tends to force the switch to
conduct. If this over-voltage is not clamped, it can exceed the device breakdown level and
damage it.
ACSs are over-voltage self-protected. They can sustain their holding current in such an
operating mode, as shown in Figure 4.
Figure 4.
ACS voltage and current waveforms at turn-off (230 V 35 mA RMS valve)
During clamping periods, the inductive energy is dissipated both in the silicon die and the
series resistance of the load. The worst case appears when the load inductance is the
highest, i.e. for electromagnet loads.
In annex C, a theoretical analysis is performed with a 0.1 power factor load and an RMS
current lower than 40 mA (value which never appears in practice where, for such RMS
currents, the power factor is always higher than 0.7). Then, it is demonstrated that, even in
this worst case scenario, the transient junction temperature remains below 160°C. And the
clamping period time (tcl) always lasts less than 1 ms. Such a thermal stress is suitable for
ACSs dies thanks to their reliable planar technology.
Iout (10 mA/div)
Vout (200 V/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com