| Electronic Components Datasheet Search |
|
AN1172 Datasheet(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1172 Datasheet(HTML) 4 Page - STMicroelectronics |
|
4 / 23 page ![]() ACS triggering mode AN1172 4/23 1.2 New layout possibilities It has already been said that ACS silicon structure is different from the triac, according to the gate operation. A second difference is that ACS have been developed in an integration goal. To allow different cells to be associated in one single package or controlled by one single drive die, the common drive reference voltage must be connected to the back of the die. Indeed, each die bottom is electrically linked to the other ones by the frame. This is achieved by the ACS silicon structure, where an integrated level shifter allows both thyristors to be controlled by means of a gate voltage referenced at the back of the die (COM pin). (See References, 1.). Thanks to ACSs arrays, the copper tracks count is reduced since the different COM pins are connected together inside the package. This also allows smaller gate / MCU copper tracks loop areas, and so increases the EMI immunity of the overall electronic board. Figure 2. shows an example of connection between an ACS402-5SB4 and an ST62xx, both in DIL20 packages. Figure 2. Reduction of gate / MCU loop areas A particular benefit of such a pin out appears with Surface Mount Devices (SMD). In this case, the tab pin is the COM one. The copper surface used to perform a heat-sink can then be used as a supply voltage bus. It allows new layout possibilities and, above all, a miniaturization of the Printed Circuit Board (PCB). Indeed, unlike triacs, the heat-sink areas are at the same voltage and so can be regrouped (see Figure 3.). The heatsink area therefore depends on the maximum amount of dissipated power at the same time, by all the switches put on it. So, the number of switches which will conduct at the same time and their conduction time should be known. Figure 3. Printed circuit area reduction thanks to ACSs in SOT223 packages ACS402 1 PA0 PA1 PA2 PA3 OUT1 OUT2 OUT3 OUT4 1 G1 G2 G3 G4 COM Vdd ST6 Rg MCU Ref. G OUT COM LOAD COPPER HEATSINK G OUT COM LOAD PCB required for ACSs G A2 A1 A2 A2 LOAD MCU Ref. G A2 A1 A2 LOAD Copper heatsink PCB required for Triacs PCB required for Triacs A2 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |