Electronic Components Datasheet Search
  English  ▼

X  

AN1172 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN1172
Description  A logic-level transient-voltage protected AC switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1172 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN1172 Datasheet HTML 5Page - STMicroelectronics AN1172 Datasheet HTML 6Page - STMicroelectronics AN1172 Datasheet HTML 7Page - STMicroelectronics AN1172 Datasheet HTML 8Page - STMicroelectronics AN1172 Datasheet HTML 9Page - STMicroelectronics AN1172 Datasheet HTML 10Page - STMicroelectronics AN1172 Datasheet HTML 11Page - STMicroelectronics AN1172 Datasheet HTML 12Page - STMicroelectronics AN1172 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
AN1172
Resistive loads on/off control
9/23
3
Resistive loads on/off control
3.1
Inrush current
In most systems, resistive loads are thermal effective. For example, light bulbs emit light
when their filament is hot enough. New types of door-lock actuators have emerged in which
the bolt move is due to a thermal expansion of a metallic part or a wax.
All these loads can be characterized by a very low resistance value in cold state.
Consequently, when the switch is turned on, there is a high inrush current. For low power
light bulbs, the inrush current lasts on average 10 ms. The worst scenario is in the case of
thermal door-locks. Figure 9. shows a typical inrush current in such loads.
Figure 9.
Inrush current in a 230 V thermal effective door-lock
3.2
Transient junction temperature
With such current shapes at turn-on, thermal calculation must be carried out in order to
choose the right package or heat-sink so as to avoid exceeding the maximal junction
temperature (110° C).
To perform the calculus, the current shape must be simplified. Let us work on the hypothesis
that the current average waveform of Figure 9. is similar to a 2 A peak 0.18 s time long sinus
shape.
Vout (200 V/div)
Iout (1 A/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com