Electronic Components Datasheet Search
  English  ▼

X  

AN1172 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN1172
Description  A logic-level transient-voltage protected AC switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1172 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN1172 Datasheet HTML 13Page - STMicroelectronics AN1172 Datasheet HTML 14Page - STMicroelectronics AN1172 Datasheet HTML 15Page - STMicroelectronics AN1172 Datasheet HTML 16Page - STMicroelectronics AN1172 Datasheet HTML 17Page - STMicroelectronics AN1172 Datasheet HTML 18Page - STMicroelectronics AN1172 Datasheet HTML 19Page - STMicroelectronics AN1172 Datasheet HTML 20Page - STMicroelectronics AN1172 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
AN1172
ESD diode conduction due to kick-back
17/23
Appendix B
ESD diode conduction due to kick-back
An over-voltage can appear across the gate and COM (or A1 for triacs) terminals at high
turn-on di/dt rates. This effect is called the "kick-back". It is due to the high density current at
turn-on which causes high conduction voltage drop. Since the conduction begins around the
gate area, the forward voltage is in part applied to the gate.
This gate spike is clamped by the micro-controller internal electrostatic discharge (ESD)
diodes, which can be damaged if conduction lasts for too long.
In order to prevent ESD diodes conduction, their voltage must remain negative. When
considering Figure 1. at ACS turn-on, i.e. when the push transistor M1 is off and the pull
transistor M2 is on, a circulating current will never occur through D2 if the current iR remains
positive. This yields Equation B1.
Equation B1
As M2 is conducting, its voltage drop can be neglected. Thus, the previous relation gives:
Equation B2
If D1 conducts, this means that the supply voltage is held by M2, neglecting D1 drop
voltage. This MOS transistor is thus in a linear mode. Its current equals its saturating level,
called isat.
Now, since isat current is necessarily higher than the Vs/R ratio (in order to secure the micro-
controller operation), we can write the following relationship :
Equation B3
A sufficient condition to ensure that VD1 remains below zero is that Vg remains below Vs.
This condition, plus Equation B2, gives the following safety rule for no ESD diode
conduction:
Equation B4
0
V
V
V
i
R
g
S
2
M
R
>
+
+
-
=
⋅
S
g
V
V-
>
S
g
sat
g
1
D
V
V
i
R
V
V-
<
⋅
-
=
S
g
S
V
V
V+
<
<
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com