Electronic Components Datasheet Search
  English  ▼

X  

AN1172 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1172
Description  A logic-level transient-voltage protected AC switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1172 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1172 Datasheet HTML 1Page - STMicroelectronics AN1172 Datasheet HTML 2Page - STMicroelectronics AN1172 Datasheet HTML 3Page - STMicroelectronics AN1172 Datasheet HTML 4Page - STMicroelectronics AN1172 Datasheet HTML 5Page - STMicroelectronics AN1172 Datasheet HTML 6Page - STMicroelectronics AN1172 Datasheet HTML 7Page - STMicroelectronics AN1172 Datasheet HTML 8Page - STMicroelectronics AN1172 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
May 2006
Rev 2
1/23
AN1172
Application note
ACS™
A logic-level transient-voltage protected AC switch
Introduction
Home appliances such as washing machines, refrigerators and dishwashers employ a lot of
low power loads such as valves, door lock systems, dispensers or drain pumps. Since these
loads are powered by the mains in ON / OFF mode, they were initially controlled by relays.
Recently, relays have been replaced by triacs, due to their smaller size and lower driving
energy. Nevertheless triacs don't fulfill alone the new requirements that users now need and
are used with others components.
Power switches must now be directly driven by a microcontroller unit (MCU) and must be
robust to withstand the A.C. line transients so that systems may fall into line with
electromagnetic compatibility (EMC) standards. ACSs (for Alternating Current Switches)
have been designed with this goal mind, i.e. to offer logic level and more robust
semiconductor devices.
On the other hand, ACSs have been developed adopting a functional integration approach.
They can be used directly between a MCU and the load. An external protection or a buffer
circuit are not required since these are already integrated on the die. This considerably
reduces the overall electronic board size. Moreover, the array of ACSs allows one device to
control the various loads typically required in a washer appliance.
Table 1. gives the RMS current of loads that can be controlled by ACS402-5SB4 or
ACS108-5SA/N, in ON / OFF control mode.
Table 1.
ACS108 and ACS402 targeted loads
Load
I RMS
(A)
Power
Factor
(dIout/dt)c
(A/ms)
(dVout/dt)c
(V/µs)
Turn-off delay
(ms)
Door Lock
<0.3
1
0.15
0.15
<10
Lamp
<0.8
1
0.4
0.15
<20
Relay, Valve,
Dispenser,
Micromotor
<0.1
>0.7
<0.05
<2
<10
Pump
<0.2
>0.2
<0.1
<10
<10
Fan
<0.6
>0.2
<0.3
<10
<20
www.st.com


Similar Part No. - AN1172

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AN11744 NXP-AN11744 Datasheet
1Mb / 30P
PN5180 Evaluation board quick start guide
Rev. 1.2 - 7 April 2016
AN11758 NXP-AN11758 Datasheet
334Kb / 14P
PN7150 Raspberry Pi SBC Kit Quick Start Guide
Rev. 1.1-12 May 2016
More results

Similar Description - AN1172

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACST8 STMICROELECTRONICS-ACST8 Datasheet
126Kb / 10P
OVER VOLTAGE PROTECTED AC POWER SWITCH
24-Nov-2004
ACST6-7S STMICROELECTRONICS-ACST6-7S Datasheet
122Kb / 10P
OVER VOLTAGE PROTECTED AC POWER SWITCH
09-May-2005
ACS108-6S STMICROELECTRONICS-ACS108-6S Datasheet
131Kb / 11P
AC switch family Transient voltage protected AC Switch (ACSTM)
05-Jan-2005
ACS102-6T STMICROELECTRONICS-ACS102-6T Datasheet
166Kb / 11P
AC switch family Transient protected AC switch ACSTM
05-Jan-2006
ACST8-8C STMICROELECTRONICS-ACST8-8C Datasheet
86Kb / 8P
OVER VOLTAGE PROTECTED AC POWER SWITCH
Jan-2002
ACS102-6T_0606 STMICROELECTRONICS-ACS102-6T_0606 Datasheet
173Kb / 11P
AC switch family Transient protected AC switch (ACS)
07-Jun-2006
ACS108-6S_0606 STMICROELECTRONICS-ACS108-6S_0606 Datasheet
173Kb / 11P
AC switch family Transient voltage protected AC Switch (ACS)
07-Jun-2006
ACST10 STMICROELECTRONICS-ACST10 Datasheet
173Kb / 12P
Transient protected AC power switch
02-Dec-2008
ACST12 STMICROELECTRONICS-ACST12 Datasheet
184Kb / 12P
Transient protected AC power switch
02-Dec-2008
ACST1035-7FP STMICROELECTRONICS-ACST1035-7FP Datasheet
153Kb / 13P
Overvoltage protected AC switch
01-Jul-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com