Electronic Components Datasheet Search
  English  ▼

X  

FT122 Datasheet(PDF) 22 Page - Future Technology Devices International Ltd.

Part # FT122
Description  FT122 ENHANCED USB DEVICE CONTROLLER WITH PARALLEL BUS IC Datasheet Version 1.1
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT122 Datasheet(HTML) 22 Page - Future Technology Devices International Ltd.

Back Button FT122 Datasheet HTML 18Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 19Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 20Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 21Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 22Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 23Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 24Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 25Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 26Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
Copyright © 2014 Future Technology Devices International Limited
22
Document No.: FT_000647
FT122 ENHANCED USB DEVICE CONTROLLER WITH PARALLEL
BUS
IC Datasheet Version 1.1
Clearance No.: FTDI#
313
Bit
Symbol
Reset
Description
endpoint.
7
EPI5 Interrupt Enable
0
Interrupt Enable for endpoint index 5. During DMA
operation, EPI5 interrupt should be turned off to avoid
un-necessary interrupt service.
For enhanced mode this bit has no function. EPI5
interrupt is always enabled unless it is selected as a DMA
endpoint.
Table 6-7 DMA Configuration Register (Byte 1)
Bit
Symbol
Reset
Description
3-0
DMA Endpoint Index
0b’0000
Select the endpoint index number for DMA operation.
DMA operation occurs between the selected endpoint
buffer and the DMA agent. Any of the 16 endpoint index
can be selected for DMA data transfers, but only one at a
time.
7-4
Reserved
0b’0000
Reserved, write to 0
Table 6-8 DMA Endpoint Select Register (Byte 2, for Enhanced Mode)
6.2.5 Set Endpoint Configuration (for Enhanced Mode)
Command
: B0-BFh
Data
: Write 1 byte
Bit
Symbol
Reset
Description
0
Endpoint Enabled
0
Enable or disable the endpoint index associated with the
command
2-1
Endpoint Type
0b’00
Endpoint type
00: control
01: bulk or interrupt
10: isochronous
11: reserved
6-3
Max Packet Size
0b’0000
Maximum USB packet size for this endpoint. Defined the
IN buffer or OUT buffer size for the endpoint. Refer to
Table 5-4 for full details on the buffer configuration.
7
Reserved
0
Reserved, write to 0
Table 6-9 Endpoint Configuration Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com