Electronic Components Datasheet Search
  English  ▼

X  

FT122 Datasheet(PDF) 9 Page - Future Technology Devices International Ltd.

Part # FT122
Description  FT122 ENHANCED USB DEVICE CONTROLLER WITH PARALLEL BUS IC Datasheet Version 1.1
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT122 Datasheet(HTML) 9 Page - Future Technology Devices International Ltd.

Back Button FT122 Datasheet HTML 5Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 6Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 7Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 8Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 9Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 10Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 11Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 12Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 13Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
Copyright © 2014 Future Technology Devices International Limited
9
Document No.: FT_000647
FT122 ENHANCED USB DEVICE CONTROLLER WITH PARALLEL
BUS
IC Datasheet Version 1.1
Clearance No.: FTDI#
313
4 Function Description
The FT122 is a USB device controller which interfaces with microcontrollers via a generic 8-bit parallel
bus.
4.1 Functional Block Descriptions
The following sections describe the function of each block. Please refer to the block diagram shown in
Figure 2-1.
+1.8V LDO Regulator. The +1.8V LDO regulator generates the +1.8V reference voltage for the internal
core of the IC with input capabilities from 3.3V or 5V.
+3.3V LDO Regulator. The +3.3V LDO regulator generates the +3.3V supply voltage for the USB
transceiver. An external decoupling capacitor needs to be attached to the VOUT3V3 regulator output pin.
The regulator also provides +3.3V power to the 1.5kΩ internal pull up resistor on DP pin. The allowable
input voltages are 5V or 3.3V. When using 3.3V as the input voltage, the VCC and VOUT3V3 pins should
be tied together. This will result in the regulator being by-passed.
USB Transceiver. The USB Transceiver cell provides the USB 1.1 / USB 2.0 full-speed physical interface.
Output drivers provide +3.3V level slew rate control , while a differential input and two single ended input
receivers provide data in, Single-Ended-0 (SE0) and USB reset detection conditions respectfully. A 1.5kΩ
pull up resistor on DP is incorporated.
DPLL. The DPLL cell locks on to the incoming NRZI USB data and generates recovered clock and data
signals..
Internal Oscillator. The Internal Oscillator cell generates a reference clock. This provides an input to
the Clock Multiplier function.
Clock Multiplier. The 12MHz and 48MHz reference clock signals for various internal blocks can be
generated from the reference clock via the oscillator functions and clock multiplier circuitry.
Serial Interface Engine (SIE). The Serial Interface Engine (SIE) block performs the parallel to serial
and serial to parallel conversion of the USB data. In accordance with the USB 2.0 specification, it
performs bit stuffing/un-stuffing and CRC5/CRC16 generation. It also checks the CRC on the USB data
stream.
USB Protocol Engine. The USB Protocol Engine manages the data stream from the device USB control
endpoint. It handles the low level USB protocol requests generated by the USB host controller. The
Protocol Engine also includes a memory management unit which handles endpoint buffers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com