Electronic Components Datasheet Search
  English  ▼

X  

FT122 Datasheet(PDF) 33 Page - Future Technology Devices International Ltd.

Part # FT122
Description  FT122 ENHANCED USB DEVICE CONTROLLER WITH PARALLEL BUS IC Datasheet Version 1.1
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT122 Datasheet(HTML) 33 Page - Future Technology Devices International Ltd.

Back Button FT122 Datasheet HTML 29Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 30Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 31Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 32Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 33Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 34Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 35Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 36Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 37Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 47 page
background image
Copyright © 2014 Future Technology Devices International Limited
33
Document No.: FT_000647
FT122 ENHANCED USB DEVICE CONTROLLER WITH PARALLEL
BUS
IC Datasheet Version 1.1
Clearance No.: FTDI#
313
8 Devices Characteristics and Ratings
8.1 Absolute Maximum Ratings
The absolute maximum ratings for the FT122 devices are as follows. These are in accordance with the
Absolute Maximum Rating System (IEC 60134). Exceeding these may cause permanent damage to the
device.
Parameter
Value
Unit
Storage Temperature
-65 to 150
°C
Floor Life (Out of Bag) At Factory Ambient
(30°C / 60% Relative Humidity)
168
(IPC/JEDEC J-STD-033A MSL Level 3
Compliant)*
Hours
Ambient Temperature (Power Applied)
-40 to 85
°C
Latch-up current
±200
mA
Electrostatic Discharge Voltage(ESD)
human body model(HBM)
±2
kV
Electrostatic Discharge Voltage(ESD)
machine model(MM)
±200
V
Electrostatic Discharge Voltage(ESD)
charged device model(CDM)
±500
V
VCC Supply Voltage
-0.5 to +6.0
V
DC Input Voltage – DP and USBDM
-0.5 to +3.8
V
DC Input Voltage – High Impedance
Bidirectional
-0.5 to + (VCC +0.5)
V
DC Input Voltage – All Other Inputs
-0.5 to + (VCC +0.5)
V
DC Output Current – Outputs
22
mA
Table 8-1 Absolute Maximum Ratings
* If devices are stored out of the packaging beyond this time limit the devices should be baked before
use. The devices should be ramped up to a temperature of +125°C and baked for up to 17 hours.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com