Electronic Components Datasheet Search
  English  ▼

X  

FT122 Datasheet(PDF) 34 Page - Future Technology Devices International Ltd.

Part # FT122
Description  FT122 ENHANCED USB DEVICE CONTROLLER WITH PARALLEL BUS IC Datasheet Version 1.1
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT122 Datasheet(HTML) 34 Page - Future Technology Devices International Ltd.

Back Button FT122 Datasheet HTML 30Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 31Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 32Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 33Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 34Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 35Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 36Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 37Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 38Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 47 page
background image
Copyright © 2014 Future Technology Devices International Limited
34
Document No.: FT_000647
FT122 ENHANCED USB DEVICE CONTROLLER WITH PARALLEL
BUS
IC Datasheet Version 1.1
Clearance No.: FTDI#
313
8.2 DC Characteristics
DC Characteristics (Ambient Temperature = -40°C to +85°C).
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
VCC1
VCC Operating Supply
Voltage
4.0
5.0
5.5
V
Normal Operation
VCC2
VCC Operating Supply
Voltage
3.0
3.3
3.6
V
Regulator by-pass
mode Operation
VCCIO
VCCIO Operating
Supply Voltage
1.65
3.6
V
Icc
Operating Supply
Current
3.9
mA
Normal Operation,
USB bus transmit
or receive
Icc2
Suspend Current
84
μA
USB Suspend,
Clock Running =
‘0’, excluding the
DP_Pullup current
VOUT3V3
3.3v regulator output
3.0
3.3
3.6
V
VCC=5V
Table 8-2 Operating Voltage and Current
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
Voh
Output Voltage High
2.9
V
I source = 4mA
Vol
Output Voltage Low
0.4
V
I sink = 4mA
Vih
Input Voltage High
2.0
V
Vil
Input Voltage Low
-
0.8
V
Table 8-3 digital I/O Pin Characteristics (VCCIO=+3.3V)
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
Voh
Output Voltage High
2.25
V
I source = 4mA
Vol
Output Voltage Low
0.4
V
I sink = 4mA
Vih
Input Voltage High
1.7
V
Vil
Input Voltage Low
-
0.7
V
Table 8-4 digital I/O Pin Characteristics (VCCIO=+2.5V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com