Electronic Components Datasheet Search
  English  ▼

X  

FT122 Datasheet(PDF) 36 Page - Future Technology Devices International Ltd.

Part # FT122
Description  FT122 ENHANCED USB DEVICE CONTROLLER WITH PARALLEL BUS IC Datasheet Version 1.1
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT122 Datasheet(HTML) 36 Page - Future Technology Devices International Ltd.

Back Button FT122 Datasheet HTML 32Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 33Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 34Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 35Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 36Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 37Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 38Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 39Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 40Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 47 page
background image
Copyright © 2014 Future Technology Devices International Limited
36
Document No.: FT_000647
FT122 ENHANCED USB DEVICE CONTROLLER WITH PARALLEL
BUS
IC Datasheet Version 1.1
Clearance No.: FTDI#
313
Symbol
Parameter
VCCIO=3.3V VCCIO=1.8V
Unit
Min
Max
Min
Max
tAVWL
A0 Valid to WR_n Low Time
0
1
ns
tWHAX
WR_n High to A0 Transition Time
1
1
ns
tWL
WR_n Low Pulse Width
30
30
ns
tWDSU
Write Data Setup Time
5
8
ns
tWDH
Write Data Hold Time
1
1
ns
tWC
Write Cycle Time
40
40
ns
t(WC-WD)
Write command to write data
40
40
ns
Read Timings:
tCLRL
CS_n (DMACK_n) Low to RD_n Low Time
0
1
ns
tRHCH
RD_n High to CS_n (DMACK_n) High Time
1
1
ns
tAVRL
A0 Valid to RD_n Low Time
0
1
ns
tRL
RD_n Low Pulse Width
30
30
ns
tRLDD
RD_n Low to Data Valid Time
25
25
ns
tRHDZ
RD_n High to Data Hi-Z Time
20
20
ns
tRHNDV
RD_n High to Next Data Valid Time
40
50
ns
tRC
Read Cycle Time
40
50
ns
t(WC-RD)
Write command to read data
40
50
ns
Table 8-7
Parallel Interface IO timing
Figure 8-1 ALE Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com