Electronic Components Datasheet Search
  English  ▼

X  

FT122 Datasheet(PDF) 35 Page - Future Technology Devices International Ltd.

Part # FT122
Description  FT122 ENHANCED USB DEVICE CONTROLLER WITH PARALLEL BUS IC Datasheet Version 1.1
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT122 Datasheet(HTML) 35 Page - Future Technology Devices International Ltd.

Back Button FT122 Datasheet HTML 31Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 32Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 33Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 34Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 35Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 36Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 37Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 38Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 39Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 47 page
background image
Copyright © 2014 Future Technology Devices International Limited
35
Document No.: FT_000647
FT122 ENHANCED USB DEVICE CONTROLLER WITH PARALLEL
BUS
IC Datasheet Version 1.1
Clearance No.: FTDI#
313
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
Voh
Output Voltage High
1.62
V
I source = 4mA
Vol
Output Voltage Low
0.4
V
I sink = 4mA
Vih
Input Voltage High
1.17
V
Vil
Input Voltage Low
-
0.63
V
Table 8-5 digital I/O Pin Characteristics (VCCIO=+1.8V)
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
UVoh
I/O Pins Static Output
(High)
2.8
3.6
V
RL = 1.5kΩ to 3.6
V
UVol
I/O Pins Static Output
(Low)
-
0.3
V
RL = 15kΩ to GND
UVse
Single Ended Rx
Threshold
0.8
2.0
V
UCom
Differential Common
Mode
0.8
2.5
V
UVDif
Differential Input
Sensitivity
0.2
V
UDrvZ
Driver Output
Impedance
29
-
44
Ω
Including external
22 Ω ±1% series
resistor
Table 8-6 USB I/O Pin (DP, USBDM) Characteristics
8.3 AC Characteristics
Symbol
Parameter
VCCIO=3.3V VCCIO=1.8V
Unit
Min
Max
Min
Max
ALE Timings:
tLH
ALE High Pulse Width
20
20
ns
tAVLL
Address Valid to ALE Low Time
3
5
ns
tLLAX
ALE Low to Address Transition Time
2
3
ns
Write Timings:
tCLWL
CS_n (DMACK_n) Low to WR_n Low Time
0
1
ns
tWHCH
WR_n High to CS_n (DMACK_n) High Time
1
1
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com