Electronic Components Datasheet Search
  English  ▼

X  

FT122 Datasheet(PDF) 30 Page - Future Technology Devices International Ltd.

Part # FT122
Description  FT122 ENHANCED USB DEVICE CONTROLLER WITH PARALLEL BUS IC Datasheet Version 1.1
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT122 Datasheet(HTML) 30 Page - Future Technology Devices International Ltd.

Back Button FT122 Datasheet HTML 26Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 27Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 28Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 29Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 30Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 31Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 32Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 33Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 34Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 47 page
background image
Copyright © 2014 Future Technology Devices International Limited
30
Document No.: FT_000647
FT122 ENHANCED USB DEVICE CONTROLLER WITH PARALLEL
BUS
IC Datasheet Version 1.1
Clearance No.: FTDI#
313
6.4.4 Read Vendor ID
Command
: EBh (for Enhanced Mode)
Data
: read 2 bytes
Read the 2 bytes Vendor ID. Shall return 0403h.
6.4.5 Read Product ID
Command
: EAh (for Enhanced Mode)
Data
: read 2 bytes
Read the 2 bytes Product ID. Shall return 6018h.
6.4.6 Read FTDI ID
Command
: EDh (for Enhanced Mode)
Data
: read 1 byte
Read the 1 byte FTDI ID. Shall return 11h.
6.4.7 Set IO Pad Drive Strength
Command
: E9h
Data
: Write 1 byte
Bit
Symbol
Reset
Description
1-0
CLKOUT pin
0b’00
00: 4mA
01: 8mA
10: 12mA
11:16mA
3-2
D[7:0] pins
0b’00
00: 4mA
01: 8mA
10: 12mA
11:16mA
5-4
INT_n, SUSPEND,
DMREQ pins
0b’00
00: 4mA
01: 8mA
10: 12mA
11:16mA
7-6
GL_n pin
0b’00
00: 4mA
01: 8mA
10: 12mA
11:16mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com