Electronic Components Datasheet Search
  English  ▼

X  

FT122 Datasheet(PDF) 40 Page - Future Technology Devices International Ltd.

Part # FT122
Description  FT122 ENHANCED USB DEVICE CONTROLLER WITH PARALLEL BUS IC Datasheet Version 1.1
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT122 Datasheet(HTML) 40 Page - Future Technology Devices International Ltd.

Back Button FT122 Datasheet HTML 36Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 37Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 38Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 39Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 40Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 41Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 42Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 43Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 44Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 47 page
background image
Copyright © 2014 Future Technology Devices International Limited
40
Document No.: FT_000647
FT122 ENHANCED USB DEVICE CONTROLLER WITH PARALLEL
BUS
IC Datasheet Version 1.1
Clearance No.: FTDI#
313
The FT122T is supplied in a RoHS compliant 28 pin TSSOP package. The package is lead (Pb) free and
uses a ‘green’ compound. The package is fully compliant with European Union directive 2002/95/EC.
This package is nominally 4.4mm x 9.7mm body (6.4mm x9.7mm including pins). The pins are on a 0.65
mm pitch. The above mechanical drawing shows the TSSOP-28 package.
All dimensions are in millimetres.
9.2 TSSOP-28 Package Markings
Figure 9-2 TSSOP-28 Package Markings
The date code format is YYWW where WW = 2 digit week number, YY = 2 digit year number.
Line 1 – FTDI Logo
Line 2 – Date Code, Revision
Line 3 – FTDI Part Number
FT122T
YYWW-B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com