Electronic Components Datasheet Search
  English  ▼

X  

FT122 Datasheet(PDF) 45 Page - Future Technology Devices International Ltd.

Part # FT122
Description  FT122 ENHANCED USB DEVICE CONTROLLER WITH PARALLEL BUS IC Datasheet Version 1.1
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT122 Datasheet(HTML) 45 Page - Future Technology Devices International Ltd.

Back Button FT122 Datasheet HTML 39Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 40Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 41Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 42Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 43Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 44Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 45Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 46Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 47Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 45 / 47 page
background image
Copyright © 2014 Future Technology Devices International Limited
45
Document No.: FT_000647
FT122 ENHANCED USB DEVICE CONTROLLER WITH PARALLEL
BUS
IC Datasheet Version 1.1
Clearance No.: FTDI#
313
Appendix A– References
Useful Application Notes
http://www.ftdichip.com/Documents/AppNotes/AN_167_FT1248_Parallel_Serial_Interface_Basics.pdf
http://www.ftdichip.com/Support/Documents/TechnicalNotes/TN_100_USB_VID-PID_Guidelines.pdf
http://www.ftdichip.com/Support/Documents/AppNotes/AN_175_Battery%20Charging%20Over%20USB
%20with%20FTEX%20Devices.pdf
http://www.usb.org/developers/devclass_docs/BCv1.2_011912.zip
Appendix B - List of Figures and Tables
List of Figures
Figure 2-1 FT122 Block Diagram.....................................................................................................3
Figure 3-1 TSSOP-28 package schematic symbol ..............................................................................6
Figure 3-2 QFN-28 package schematic symbol..................................................................................6
Figure 7-1 FT122 bus-powered application ..................................................................................... 32
Figure 7-2 FT122 self-powered application ..................................................................................... 32
Figure 8-1 ALE Timing ................................................................................................................. 36
Figure 8-2 Parallel interface timing ............................................................................................... 37
Figure 8-3 Single cycle DMA timing ............................................................................................... 38
Figure 8-4 Burst mode DMA timing ............................................................................................... 38
Figure 8-5 DMA terminated by EOT_n ........................................................................................... 38
Figure 9-1 TSSOP-28 Package Dimensions ..................................................................................... 39
Figure 9-2 TSSOP-28 Package Markings ........................................................................................ 40
Figure 9-3 QFN-28 Package Dimensions ........................................................................................ 41
Figure 9-4 QFN-28 Package Markings ............................................................................................ 42
Figure 9-5 FT122 Solder Reflow Profile .......................................................................................... 42
List of Tables
Table 3-1 FT122 Pin Description .....................................................................................................8
Table 4-1 Interrupt modes ........................................................................................................... 10
Table 5-1 Endpoint configuration for EP0 and EP1 ........................................................................... 11
Table 5-2 Endpoint configuration for EP2 ....................................................................................... 11
Table 5-3 - Example buffer configuration ....................................................................................... 12
Table 5-4 - Endpoint Maximum Packet Size.................................................................................... 13
Table 6-1 FT122 default command set........................................................................................... 15
Table 6-2 enhanced command set ................................................................................................ 19
Table 6-3 Address Enable Register ................................................................................................ 19
Table 6-4 Endpoint Enable Register............................................................................................... 19
Table 6-5 Configuration Register (Byte 1) ...................................................................................... 20
Table 6-6 Clock Division Factor Register (Byte 2)............................................................................ 21
Table 6-7 DMA Configuration Register (Byte 1)............................................................................... 22
Table 6-8 DMA Endpoint Select Register (Byte 2, for Enhanced Mode) ............................................... 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com