Electronic Components Datasheet Search
  English  ▼

X  

FT122 Datasheet(PDF) 41 Page - Future Technology Devices International Ltd.

Part # FT122
Description  FT122 ENHANCED USB DEVICE CONTROLLER WITH PARALLEL BUS IC Datasheet Version 1.1
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT122 Datasheet(HTML) 41 Page - Future Technology Devices International Ltd.

Back Button FT122 Datasheet HTML 37Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 38Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 39Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 40Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 41Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 42Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 43Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 44Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 45Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 47 page
background image
Copyright © 2014 Future Technology Devices International Limited
41
Document No.: FT_000647
FT122 ENHANCED USB DEVICE CONTROLLER WITH PARALLEL
BUS
IC Datasheet Version 1.1
Clearance No.: FTDI#
313
9.3 QFN-28 Package Dimensions
Figure 9-3 QFN-28 Package Dimensions
The FT122Q is supplied in a RoHS compliant leadless QFN-28 package. The package is lead ( Pb ) free,
and uses a ‘green’ compound. The package is fully compliant with European Union directive 2002/95/EC.
This package is nominally 4.00mm x 4.00mm. The solder pads are on a 0.40mm pitch. The above
mechanical drawing shows the QFN-28 package. All dimensions are in millimetres.
The centre pad on the base of the FT122Q is internally connected to GND pin, and can be left
unconnected, or connected to ground (recommended).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com