Electronic Components Datasheet Search
  English  ▼

X  

FT122 Datasheet(PDF) 29 Page - Future Technology Devices International Ltd.

Part # FT122
Description  FT122 ENHANCED USB DEVICE CONTROLLER WITH PARALLEL BUS IC Datasheet Version 1.1
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT122 Datasheet(HTML) 29 Page - Future Technology Devices International Ltd.

Back Button FT122 Datasheet HTML 25Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 26Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 27Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 28Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 29Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 30Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 31Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 32Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 33Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 47 page
background image
Copyright © 2014 Future Technology Devices International Limited
29
Document No.: FT_000647
FT122 ENHANCED USB DEVICE CONTROLLER WITH PARALLEL
BUS
IC Datasheet Version 1.1
Clearance No.: FTDI#
313
6.4.1 Read Current Frame Number
Command
: F5h
Data
: Read One or Two Bytes
Bit
Symbol
Reset
Description
7-0
Frame Number LSB
00h
Frame number for last received SOF, byte 1 (least
significant byte)
Table 6-19 Frame Number LSB Register
Bit
Symbol
Reset
Description
2-0
Frame Number MSB
0b’000
Frame number for last received SOF, byte 2 (Most
significant byte)
7-3
Reserved
0b’00000
Reserved
Table 6-20 Frame Number MSB Register
6.4.2 Send Resume
Command
: F6h
Data
: None
To perform remote-wakeup when suspended, the MCU needs to issue Send Resume command. The
FT122 will send an upstream resume signal for a period of 10 ms. If the clock is not running during
suspend, the MCU needs to wakeup FT122 by drive SUSPEND pin to LOW, followed by Send Resume
command.
6.4.3 Set Buffer Interrupt Mode
Command
: ECh (for Enhanced Mode)
Data
: none
The read or write buffer commands can be interrupted, typically by a read interrupt register or read last
transaction status command, and can be resumed without having to re-issue a read or write buffer
command. When the default command set is in use, a read or write buffer command can be resumed
after 2 bytes have been read at a read interrupt command. In this case the FT122 design is primed to
resume a read or write buffer command if another command is not issued and a read or write occurs.
For the enhanced command set the read interrupt register command has been extended to read 4 bytes.
The FT122 therefore needs to know whether to prime at 2 or 4 bytes. The Set Buffer Interrupt Mode
command notifies the FT122 to prime after 4 bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com